Electronic Components Datasheet Search
  English  ▼

X  

TLV62565DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62565DBVT
Description  TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62565DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TLV62565DBVT Datasheet HTML 1Page - Texas Instruments TLV62565DBVT Datasheet HTML 2Page - Texas Instruments TLV62565DBVT Datasheet HTML 3Page - Texas Instruments TLV62565DBVT Datasheet HTML 4Page - Texas Instruments TLV62565DBVT Datasheet HTML 5Page - Texas Instruments TLV62565DBVT Datasheet HTML 6Page - Texas Instruments TLV62565DBVT Datasheet HTML 7Page - Texas Instruments TLV62565DBVT Datasheet HTML 8Page - Texas Instruments TLV62565DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TLV62565, TLV62566
SLVSBC1C – OCTOBER 2013 – REVISED JULY 2015
www.ti.com
Table of Contents
10.4
Device Functional Modes...................................... 12
1
Features .................................................................. 1
11
Application and Implementation........................ 13
2
Applications ........................................................... 1
11.1
Application Information.......................................... 13
3
Description ............................................................. 1
11.2
Typical Application ................................................ 13
4
Simplified Schematic............................................. 1
12
Power Supply Recommendations ..................... 17
5
Revision History..................................................... 2
13
Layout................................................................... 18
6
Device Comparison Table..................................... 3
13.1
Layout Guidelines ................................................. 18
7
Pin Configuration and Functions ......................... 3
13.2
Layout Example .................................................... 18
8
Specifications......................................................... 4
13.3
Thermal Considerations ........................................ 18
8.1
Absolute Maximum Ratings ...................................... 4
14
Device and Documentation Support ................. 19
8.2
ESD Ratings.............................................................. 4
14.1
Device Support...................................................... 19
8.3
Recommended Operating Conditions ...................... 4
14.2
Documentation Support ....................................... 19
8.4
Thermal Information .................................................. 4
14.3
Related Links ........................................................ 19
8.5
Electrical Characteristics.......................................... 5
14.4
Community Resources.......................................... 19
8.6
Typical Characteristics .............................................. 6
14.5
Trademarks ........................................................... 19
9
Parameter Measurement Information .................. 8
14.6
Electrostatic Discharge Caution ............................ 19
10
Detailed Description ............................................. 9
14.7
Glossary ................................................................ 19
10.1
Overview ................................................................. 9
15
Mechanical, Packaging, and Orderable
10.2
Functional Block Diagrams ................................... 10
Information ........................................................... 20
10.3
Feature Description............................................... 11
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (December 2014) to Revision C
Page
•
Changed device From: TLV62566 to TLV62565 for EN in the Device Comparison Table ................................................... 3
Changes from Revision A (November 2014) to Revision B
Page
•
Added Storage temperature to Absolute Maximum Ratings .................................................................................................. 4
•
Changed Handling Ratings to ESD Ratings........................................................................................................................... 4
•
Deleted Storage temperature from ESD Ratings ................................................................................................................... 4
•
Changed Thermal Information to Thermal Considerations and moved to Layout section ................................................... 18
Changes from Original (October 2013) to Revision A
Page
•
Changed Added Handling Rating table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section................................................................ 1
•
Added "TA = -40°C to 85°C" to the VFB, Feedback regulation voltage Test Conditions ........................................................ 5
•
Added VFB, Feedback regulation voltage Test Conditions and values for "PWM operation, TA = 85°C"............................... 5
2
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TLV62565 TLV62566



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com