Electronic Components Datasheet Search
  English  ▼

X  

TLV62565DBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62565DBVT
Description  TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62565DBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV62565DBVT Datasheet HTML 10Page - Texas Instruments TLV62565DBVT Datasheet HTML 11Page - Texas Instruments TLV62565DBVT Datasheet HTML 12Page - Texas Instruments TLV62565DBVT Datasheet HTML 13Page - Texas Instruments TLV62565DBVT Datasheet HTML 14Page - Texas Instruments TLV62565DBVT Datasheet HTML 15Page - Texas Instruments TLV62565DBVT Datasheet HTML 16Page - Texas Instruments TLV62565DBVT Datasheet HTML 17Page - Texas Instruments TLV62565DBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
SW
IN
OUT
OUT
L
L
MAX
,
OUT
MAX
,
L
f
L
V
V
1
V
I
2
I
I
I
´
-
´
=
D
D
+
=
TLV62565, TLV62566
SLVSBC1C – OCTOBER 2013 – REVISED JULY 2015
www.ti.com
11.2.1.2 Inductor Selection
The main parameters for inductor selection is inductor value and then saturation current of the inductor. To
calculate the maximum inductor current under static load conditions, Equation 2 is given:
where:
•
IOUT,MAX is the maximum output current
•
ΔIL is the inductor current ripple
•
fSW is the switching frequency
•
L is the inductor value
(2)
It is recommended to choose a saturation current for the inductor that is approximately 20% to 30% higher than
IL,MAX. In addition, DC resistance and size should also be taken into account when selecting an appropriate
inductor. The recommended inductors are listed in Table 4.
Table 4. List of Recommended Inductors
INDUCTANCE
CURRENT RATING
DIMENSIONS
DC RESISTANCE
TYPE
MANUFACTURER
[µH]
[mA]
L x W x H [mm3]
[m
Ω typ]
2.2
2500
4 x 3.7 x 1.65
49
LQH44PN2R2MP0
Murata
2.2
3000
4 x 4 x 1.8
50
NRS4018T2R2MDGJ
Taiyo Yuden
11.2.1.3 Input and Output Capacitor Selection
The input capacitor is the low impedance energy source for the converter that helps provide stable operation.
The closer the input capacitor is placed to the VIN and GND pins, the lower the switch ring. A low ESR multilayer
ceramic capacitor is recommended for best filtering. For most applications, 4.7-µF input capacitance is sufficient;
a larger value reduces input voltage ripple.
The architecture of the TLV62565/6 allow use of tiny ceramic-type output capacitors with low equivalent series
resistance (ESR). These capacitors provide low output voltage ripple and are thus recommended. To keep its
resistance up to high frequencies and to achieve narrow capacitance variation with temperature, it is
recommended to use X7R or X5R dielectric. The TLV62565/6 are designed to operate with an output
capacitance of 10 µF to 47 µF, as outlined in Table 3.
14
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TLV62565 TLV62566



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com