Electronic Components Datasheet Search
  English  ▼

X  

TLV62565DBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62565DBVT
Description  TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62565DBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV62565DBVT Datasheet HTML 7Page - Texas Instruments TLV62565DBVT Datasheet HTML 8Page - Texas Instruments TLV62565DBVT Datasheet HTML 9Page - Texas Instruments TLV62565DBVT Datasheet HTML 10Page - Texas Instruments TLV62565DBVT Datasheet HTML 11Page - Texas Instruments TLV62565DBVT Datasheet HTML 12Page - Texas Instruments TLV62565DBVT Datasheet HTML 13Page - Texas Instruments TLV62565DBVT Datasheet HTML 14Page - Texas Instruments TLV62565DBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
PWM mode at medium / heavy load
VPFM_Threshold
VOUT_NOM
Output
Voltage
t
PFM mode at light load
TLV62565, TLV62566
www.ti.com
SLVSBC1C – OCTOBER 2013 – REVISED JULY 2015
10.3 Feature Description
10.3.1 Power Save Mode
The device integrates a Power Save Mode with PFM to improve efficiency at light load. In Power Save Mode, the
device only switches when the output voltage trips below a set threshold voltage. It ramps up the output voltage
with several pulses and stops switching when the output voltage is higher than the set threshold voltage. PFM is
exited and PWM mode entered in case the output current can no longer be supported in Power Save Mode. The
threshold of the PFM comparator is typically 0.9% higher than the normal reference voltage. Figure 13 shows the
details of PFM/PWM mode transition.
Figure 13. Output Voltage in PFM/PWM Mode
10.3.2 Enabling/Disabling the Device
The device is enabled by setting the EN input to a logic HIGH. Accordingly, a logic LOW disables the device. If
the device is enabled, the internal power stage starts switching and regulates the output voltage to the set point
voltage. The EN input must be terminated and should not be left floating.
10.3.3 Soft Start
After enabling the device, internal soft-start circuitry monotonically ramps up the output voltage which reaches
nominal output voltage during a soft-start time of 250 µs (typical). This avoids excessive inrush current and
creates a smooth output voltage rise slope. It also prevents excessive voltage drops of primary cells and
rechargeable batteries with high internal impedance.
If the output voltage is not reached within the soft-start time, such as in the case of a heavy load, the converter
enters regular operation. The TLV62565/6 are able to start into a pre-biased output capacitor. The converter
starts with the applied bias voltage and ramps the output voltage to its nominal value.
10.3.4 Switch Current Limit
The switch current limit prevents the device from high inductor current and drawing excessive current from a
battery or input voltage rail. Excessive current might occur with a heavy load or shorted output circuit condition.
The TLV62565/6 adopt valley current control by sensing the current of the low-side MOSFET. Once the low-side
valley switch current limit is tripped, the low-side MOSFET is turned off and limits the inductor's valley current.
The high-side current is also limited which is determined by the on time of the high-side MOSFET and inductor
value calculated by Equation 1. For example, with 3.6 VIN to 1.8 VOUT and 2.2-µH specification, the peak current
limit is approximately 1.97 A with a typical valley current limit of 1.7 A.
Additionally, there is a secondary high-side current limit (typical 2 A) to prevent the current from going too high,
which is shown in Figure 14. Due to the internal propagation delay, the real current limit value might be higher
than the static current limit in the electrical characteristics table.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLV62565 TLV62566



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com