Electronic Components Datasheet Search
  English  ▼

X  

LM5034 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5034
Description  High Voltage Dual Interleaved Current Mode Controller with Active Clamp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5034 Datasheet(HTML) 4 Page - Texas Instruments

  LM5034 Datasheet HTML 1Page - Texas Instruments LM5034 Datasheet HTML 2Page - Texas Instruments LM5034 Datasheet HTML 3Page - Texas Instruments LM5034 Datasheet HTML 4Page - Texas Instruments LM5034 Datasheet HTML 5Page - Texas Instruments LM5034 Datasheet HTML 6Page - Texas Instruments LM5034 Datasheet HTML 7Page - Texas Instruments LM5034 Datasheet HTML 8Page - Texas Instruments LM5034 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
VI
N
7.7V SERIES
REGULATOR
VCC UVT
VCC1
5
5
VCC1
VCC2
UVLO
1.25V
20 PA
THERMAL
SHUTDOWN
VCC Disable
Drivers Off
Ramp1
Ramp2
MaxDC1
PWM
Comp 1
5.0V
10k
COMP1
2k
SS1
45 PA
SLOPE1
CS1
0.5V
Current
Limit
CLK1
5.0V
10k
COMP2
2k
SS2
45 PA
SLOPE2
CS2
0.5V
Current
Limit
CLK2
OUT1
GND1
AC1
OUT2
GND2
AC2
OVLP
Drivers Off
SS1
SS1
1 PA
5.0V
49 PA
5.0V
1k
Logic
SS2
SS2
1 PA
5.0V
49 PA
5.0V
1k
Logic
Driver
Logic
5.0V
VCC
Controller 2
Controller 1
Restart
Drivers Off
UVLO
MaxDC2
MaxDC1
MaxDC2
PWM
Latch
Q
S
R
Q
PWM
Latch
Q
S
R
Q
PWM
Comp 2
ILim1
ILim2
DC2
DC1
Soft-start
1
42k
42k
Support Functions
VCC UVT
VCC UVT
Soft-start
2
BIAS VOLTAGE
GENERATOR
RT/
SYNC
DCL
OSCILLATOR
& RAMP
GENERATOR
CLK1, 2
UserMaxDC1, 2
SLOPE1, 2
RAMP1, 2
20 PA
10 PA
2.55V
LOGIC
Restart
Latch
ILim1,2
Clk1,2
5.0V
RES
Driver
Logic
Overlap
Generator
Restart
Q
S
R
Q
PWM1
DC1,2
Vref
Driver Enable
Drivers Off
Restart
Driver Enable
Driver Enable
Restart
Latch
UserMaxDC1
UserMaxDC2
Restart
Restart
Latch
PWM2
5k
5k
5k
5k
VCC2
VCC1
VCC1
VCC2
VCC2
-VUVLO
CLK1
OUT1 + 50 ns
OUT2 + 50 ns
CLK2
LM5034
SNVS347A – FEBRUARY 2005 – REVISED APRIL 2013
www.ti.com
Block Diagram
Figure 3. Detailed Block Diagram
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com