Electronic Components Datasheet Search
  English  ▼

X  

LM5034 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM5034
Description  High Voltage Dual Interleaved Current Mode Controller with Active Clamp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5034 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5034 Datasheet HTML 8Page - Texas Instruments LM5034 Datasheet HTML 9Page - Texas Instruments LM5034 Datasheet HTML 10Page - Texas Instruments LM5034 Datasheet HTML 11Page - Texas Instruments LM5034 Datasheet HTML 12Page - Texas Instruments LM5034 Datasheet HTML 13Page - Texas Instruments LM5034 Datasheet HTML 14Page - Texas Instruments LM5034 Datasheet HTML 15Page - Texas Instruments LM5034 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
0.9
1.0
1.10
45
50
55
TEMPERATURE (
oC)
-50
0
50
100
150
|
|
490
492
494
496
498
500
502
504
506
508
510
-50
0
50
100
150
TEMPERATURE (
oC)
LM5034
SNVS347A – FEBRUARY 2005 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Soft-start Pin Current vs. Temperature
Current Limit Threshold at CS1, CS2 vs. Temperature
Figure 18.
Figure 19.
FUNCTIONAL DESCRIPTION
The LM5034 contains all the features necessary to implement two independently regulated current mode dc/dc
converters, or a single high current converter comprised of two parallel interleaved channels using the Forward/
Active Clamp topology. The two controllers operate 180° out of phase from a common oscillator, thereby
reducing input ripple current. Each regulator channel contains a complete PWM controller, current sense input,
soft-start circuit, main gate driver output, and active clamp driver output. Common to both channels are the
startup and VCC regulators, line under-voltage lockout, 2 MHz capable oscillator, maximum duty cycle control,
overlap time setting, and the hiccup mode fault protection circuit.
The main gate driver outputs (OUT1, OUT2) are designed to drive N-channel MOSFETs. Their compound
configuration reduces the turn-off-time, thereby reducing switching losses. The active clamp outputs (AC1, AC2)
are designed to drive P-channel MOSFETs. The adjustable overlap time of the active clamp outputs relative to
the main outputs produces a deadtime between the main switch and the P-channel active clamp switch.
Additional features include thermal shutdown, slope compensation, and the oscillator synchronization capability.
Line Under-Voltage Lock Out, UVLO, Shutdown
The LM5034 contains a line under-voltage lockout circuit (UVLO) designed to enable the VCC regulator and
output drivers when the system voltage (VPWR) exceeds the desired level (see Figure 20). VPWR is the voltage
normally applied to the transformer primary, and usually connected to the VIN pin (see the schematic on Page
1). The threshold at the UVLO comparator is 1.25V. An external resistor divider connected from VPWR to ground
provides 1.25V at the UVLO pin when VPWR is increased to the desired turn-on threshold. When VPWR is below
the threshold the VCC regulator and output drivers are disabled, and the internal 20 µA current source is off.
When VPWR reaches the threshold, the comparator output switches low to enable the internal circuits and the 20
µA current source. The 20 µA flows into the external divider’s junction, raising the voltage at UVLO, thereby
providing hysteresis. Internally the voltage at UVLO also drives the Maximum Duty Cycle Limiter circuit
(described below), which may influence the values chosen for the UVLO pin resistors. At maximum VPWR, the
voltage at UVLO should not exceed 6V. Refer to Applications Information for a procedure to calculate the
resistors values.
The LM5034 controllers can be shutdown by forcing the UVLO pin below 1.25V with an external switch. When
the UVLO pin is low, the outputs and the VCC regulator are disabled, and the LM5034 enters a low power mode.
If the VCC pins are not powered from an external source, the current into VIN drops to a nominal 500 µA. If the
VCC pins are powered from an external source, the current into VIN is nominally 50 µA, and the current into the
VCC pins is approximately 4.3 mA. To disable one regulator without affecting the other, see the description of the
Soft-start section.
12
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com