Electronic Components Datasheet Search
  English  ▼

X  

LM5034 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5034
Description  High Voltage Dual Interleaved Current Mode Controller with Active Clamp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5034 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5034 Datasheet HTML 3Page - Texas Instruments LM5034 Datasheet HTML 4Page - Texas Instruments LM5034 Datasheet HTML 5Page - Texas Instruments LM5034 Datasheet HTML 6Page - Texas Instruments LM5034 Datasheet HTML 7Page - Texas Instruments LM5034 Datasheet HTML 8Page - Texas Instruments LM5034 Datasheet HTML 9Page - Texas Instruments LM5034 Datasheet HTML 10Page - Texas Instruments LM5034 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LM5034
www.ti.com
SNVS347A – FEBRUARY 2005 – REVISED APRIL 2013
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48V, VCC1 = VCC2 = 10V externally applied, RT = RDCL = 42.2kΩ, ROVLP =70kΩ, UVLO = 1.5V,
unless otherwise stated. See
(1) and (2).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICOMP
COMP1 (COMP2) short circuit
COMP1 (COMP2) = 0V
0.6
1
1.4
mA
current
COMP1 (COMP2) to PWM1
0.33
V/V
(PWM2) gain
Minimum duty cycle
SS1 (SS2) = 0V
0
%
Maximum duty cycle 1
UVLO pin = 1.30V, RDCL = RT, COMP1
76
%
(COMP2) = open
Maximum duty cycle 2
UVLO pin = 3.75V, RDCL = RT, COMP1
20
%
(COMP2) = open
Maximum duty cycle 3
UVLO pin = 1.30V, RDCL = RT/4, COMP1
20
%
(COMP2) = open
Maximum duty cycle 4
UVLO pin = 2.50V, RDCL = RT, COMP1
50
%
(COMP2) = open
Maximum duty cycle 5
UVLO pin = 1.30V, RDCL = RT/2, COMP1
40
%
(COMP2) = open
Slope compensation
Delta increase at PWM comparator to CS1
90
mV
(CS2)
Channel mismatch
CS1 (CS2) = 0.25V
7
%
Soft-start to COMP offset
SS1 (SS2) = 0.8V
0
V
Main Output Drivers (OUT1, OUT2)
Output high voltage
IOUT = 50mA (source)
VCC-1
VCC-0.2
V
Output low voltage
IOUT = 100 mA (sink)
0.3
1
V
Rise time
CLOAD = 1 nF
12
ns
Fall time
CLOAD = 1 nF
10
ns
Peak source current
1.5
A
Peak sink current
2.5
A
Active Clamp Output Drivers (AC1, AC2)
Output high voltage
IOUT = 10mA (source)
VCC-0.5
VCC-0.2
V
Output low voltage
IOUT = 20 mA (sink)
0.1
0.5
V
Rise time
CLOAD = 1.0 nF
44
ns
Fall time
CLOAD = 1.0 nF
22
ns
Peak source current
0.1
A
Peak sink current
0.25
A
Overlap time
ROVLP = 70 kΩ
75
100
125
ns
Thermal Shutdown
TSD
Shutdown temperature
165
°C
Hysteresis
20
°C
Thermal Resistance
θJA
Junction to ambient, 0 LFPM Air TSSOP-20 package
120
°C/W
Flow
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com