Electronic Components Datasheet Search
  English  ▼

X  

LM5034 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM5034
Description  High Voltage Dual Interleaved Current Mode Controller with Active Clamp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5034 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM5034 Datasheet HTML 16Page - Texas Instruments LM5034 Datasheet HTML 17Page - Texas Instruments LM5034 Datasheet HTML 18Page - Texas Instruments LM5034 Datasheet HTML 19Page - Texas Instruments LM5034 Datasheet HTML 20Page - Texas Instruments LM5034 Datasheet HTML 21Page - Texas Instruments LM5034 Datasheet HTML 22Page - Texas Instruments LM5034 Datasheet HTML 23Page - Texas Instruments LM5034 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
tVCC =
(C1 + C2) x 7.6V
ICC(Lim)
UVLO
LM5034
1.25V
20 PA
Max. Duty
Cycle Limiter
R1
R2
VPWR
Shutdown
Control
UVLO
LM5034
1.25V
20 PA
Max. Duty
Cycle Limiter
R1
R2
VPWR
Enable VCC Regulator
and Output Drivers
R2 =
1.25 x R1
VPWR - 1.25
LM5034
SNVS347A – FEBRUARY 2005 – REVISED APRIL 2013
www.ti.com
UVLO
The under-voltage lockout threshold (UVLO) is internally set at 1.25V at the UVLO pin. With two external
resistors as shown in Figure 29, the LM5034 is enabled when VPWR exceeds the programmed threshold voltage.
When VPWR is above the threshold, the internal 20 µA current source is enabled to raise the voltage at the UVLO
pin, providing hysteresis. R1 and R2 are determined from the following equations:
R1 = VHYS/20 µA
(4)
(5)
where VHYS is the desired UVLO hysteresis at VPWR, and VPWR in the second equation is the turn-on voltage. For
example, if the LM5034 is to be enabled when VPWR reaches 20V, and disabled when VPWR is decreased to 17V,
R1 calculates to 150 k
Ω, and R2 calculates to 10 kΩ. The voltage at UVLO should not exceed 6V at any time.
Figure 29. UVLO Circuit
The LM5034 can be remotely shutdown by taking the UVLO pin below 1.25V with an external open collector or
open drain device, as shown in Figure 30. The outputs, and the VCC regulator, are disabled, and the LM5034
enters a low power mode. To shut down one regulator without affecting the other, see Soft-Start.
Figure 30. Shutdown Control
VCC1, VCC2
The capacitors at each VCC pin provide not only regulator noise filtering and stability, but also prevents VCC
from dropping to the lower under-voltage threshold level (UVT = 6.2V) when the output drivers source current
surges to the external MOSFET gates. Additionally, the capacitors provide a necessary time delay during startup.
The time delay allows the internal circuitry of the LM5034 and associated external circuitry to stabilize before VCC
reaches the upper UVT threshold level (7.6V), at which time the outputs are enabled and the soft-start sequence
begins. VCC is nominally regulated at 7.7V. The delay to the UVT level (Figure 5) is calculated from the following:
(6)
where C1 and C2 are the capacitors at VCC1 and VCC2, and ICC(Lim) is the VCC regulator’s current limit. If the
capacitors are 0.1 µF each, the nominal ICC(Lim) of 22 mA provides a delay of approximately 69 µs. The VCC
capacitor values should range between 0.1 µF and 25 µF, and they should be the same value. Experimentation
with the final design may be necessary to determine the optimum value for the VCC capacitors.
20
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com