Electronic Components Datasheet Search
  English  ▼

X  

LM5034 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM5034
Description  High Voltage Dual Interleaved Current Mode Controller with Active Clamp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5034 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5034 Datasheet HTML 13Page - Texas Instruments LM5034 Datasheet HTML 14Page - Texas Instruments LM5034 Datasheet HTML 15Page - Texas Instruments LM5034 Datasheet HTML 16Page - Texas Instruments LM5034 Datasheet HTML 17Page - Texas Instruments LM5034 Datasheet HTML 18Page - Texas Instruments LM5034 Datasheet HTML 19Page - Texas Instruments LM5034 Datasheet HTML 20Page - Texas Instruments LM5034 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
LM5034
www.ti.com
SNVS347A – FEBRUARY 2005 – REVISED APRIL 2013
If the internal Drivers Off line is activated (see Drivers Off, VCC Disable), both SS pins are internally grounded.
The SS pins pull the COMP pins to ground while the Driver Off signal disables the output drivers. When the
event which activated the Drivers Off line is cleared and Vcc exceeds its under-voltage threshold, the SS pins
are released. The internal 50 µA current sources then charge the external soft-start capacitors allowing each
regulator’s output duty cycle to increase.
If the Current Limit Restart threshold is reached due to repeated over-current detections, both SS pins (and the
COMP pins) are pulled to ground. The output drivers are disabled, and the 50 µA SS pin current sources are
reduced to 1 µA. After a short propagation delay the SS pins and the COMP pins are released, and the external
capacitors are charged up at a slow rate. When the COMP voltage reaches
≊ 1.5V, the output drivers are
enabled, and the current sources at the SS pins are increased to 50 µA. The output duty cycle then increases to
the value required for regulation.
To shutdown one regulator without affecting the other, ground the appropriate SS pin. This forces the COMP pin
to ground, reducing the output duty cycle to zero for that regulator. Releasing the SS pin allows normal operation
to resume.
Output Duty Cycle
The output driver’s duty cycle for each controller is normally controlled by comparing the voltage provided to the
COMP input by the external voltage feedback circuit with the current information at the CS pin. However, the
maximum duty cycle during transient or fault conditions may be intentionally limited by two other circuits, both of
which are common to the two controller channels.
User Defined Maximum Duty Cycle. The maximum allowed duty cycle can be set with the RDCL resistor
connected from the DCL pin to GND1, according to the following equation:
Maximum User Duty Cycle = 80% x RDCL/RT
(2)
RT is the oscillator frequency programming resistor connected to the RT/SYNC pin. The value of the RDCL resistor
must be calculated after the RT resistor is selected. See Figure 12. Referring to the block diagrams of Figure 3,
and Figure 4, the voltage at the DCL pin (VDCL) is compared to the Ramp1 and Ramp2 signals, creating the
UserMaxDC1 and UserMaxDC2 timing signals. These signal are provided to the two 4-input AND gates to limit
the PWM duty cycle of both channels.
Line Voltage Maximum Duty Cycle. The voltage at the UVLO pin, normally proportional to the voltage at VPWR,
further limits the maximum duty cycle at high input voltages. Referring to Figure 13, when the UVLO pin is below
1.25V, the outputs are disabled. At UVLO = 1.25V the maximum allowed duty cycle is 80% (or less if limited by
the DCL resistor). As the UVLO pin voltage increases with VPWR, the maximum duty cycle decreases, reaching a
minimum of 10% at
≊4.5V. Referring to Figure 3 and Figure 4, the UVLO voltage, after passing through an
inverting gain stage, is compared to the Ramp1 and Ramp2 signals generated by the oscillator. The output of
these comparators are the MaxDC1 and MaxDC2 timing signals. These signals are provided to the two 4-input
AND gates which limit the PWM pulses delivered to the output drivers.
Resulting Output Duty Cycle. The controller duty cycle is determined by the four signals into the 4-input AND
gates in Figure 3 (UserMaxDC, MaxDC, PWM and CLK). The output driver pulsewidth is equal to the least of
these four pulses. Whichever input of the AND gate transitions high-to-low first terminates the output driver’s on-
time. For example, in Figure 4, the OUT1 driver’s on-time is set by PWM Comparator #1. The on-time for OUT2
is limited by the UVLO pin voltage (determined by VPWR) even though the PWM Comparator #2 is seeking a
higher duty cycle.
Driver Outputs
OUT1, the primary switch driver for Controller 1 is designed to drive the gate of an N-channel MOSFET with 1.5A
sourcing current and 2.5A sinking current. The corresponding active clamp driver, AC1, is designed to drive a P-
channel MOSFET and is capable of sourcing 100 mA and sinking 250 mA. The peak output levels at OUT1 and
AC1 are VCC1 and GND1. The ground return path for Controller 1 is GND1. The corresponding driver pins for
Controller 2 are OUT2, AC2, VCC2 and GND2.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM5034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com