Electronic Components Datasheet Search
  English  ▼

X  

LM5034 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5034
Description  High Voltage Dual Interleaved Current Mode Controller with Active Clamp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5034 Datasheet(HTML) 1 Page - Texas Instruments

  LM5034 Datasheet HTML 1Page - Texas Instruments LM5034 Datasheet HTML 2Page - Texas Instruments LM5034 Datasheet HTML 3Page - Texas Instruments LM5034 Datasheet HTML 4Page - Texas Instruments LM5034 Datasheet HTML 5Page - Texas Instruments LM5034 Datasheet HTML 6Page - Texas Instruments LM5034 Datasheet HTML 7Page - Texas Instruments LM5034 Datasheet HTML 8Page - Texas Instruments LM5034 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
ERROR AMP
& ISOLATION
ERROR AMP
& ISOLATION
CS1
CS2
OUT1
OUT2
AC1
AC2
COMP1
COMP2
VIN
SS1
SS2
VCC2
DCL
OVLP
VCC1
RES
UVLO
LM5034
VCC
3.3V
2.5V
RT
Sync
36V to 75V
Input
GND1
GND2
VPWR
LM5034
www.ti.com
SNVS347A – FEBRUARY 2005 – REVISED APRIL 2013
LM5034 High Voltage Dual Interleaved Current Mode Controller with Active Clamp
Check for Samples: LM5034
1
FEATURES
APPLICATIONS
2
•
Two Independent PWM Current Mode
•
Telecommunication Power Converters
Controllers
•
Industrial Power Converters
•
Integrated High Voltage Startup Regulator
•
+42V Automotive Systems
•
Compound 2.5A Main Output Gate Drivers
DESCRIPTION
•
Single Resistor Oscillator Setting to 2 MHz
The LM5034 dual current mode PWM controller
•
Synchronizable Oscillator
contains all the features needed to control either two
•
Active Clamp Gate Driver for P-Channel
independent forward/active clamp dc/dc converters or
MOSFETs
a single high current converter comprised of two
interleaved
power
stages.
The
two
controller
•
Adjustable Gate Drive Overlap Time
channels operate 180° out of phase thereby reducing
•
Programmable Maximum Duty Cycle
input ripple current. The LM5034 includes a startup
•
Maximum Duty Cycle Fold-Back at High Line
regulator that operates over a wide input range up to
Voltage
100V and compound (bipolar + CMOS) gate drivers
that provide a robust 2.5A peak sink current. The
•
Adjustable Timer for Hiccup Mode Current
adjustable dead-time of the active clamp gate drivers
Limiting
and adjustable maximum PWM duty cycle reduce
•
Integrated Slope Compensation
stress on the primary side MOSFET switches.
•
Adjustable Line Under-Voltage Lockout
Additional features include programmable line under-
voltage lockout, cycle-by-cycle current limit, hiccup
•
Independently Adjustable Soft-Start (Each
mode fault operation with adjustable restart delay,
Regulator)
PWM slope compensation, soft-start, and a 2 MHz
•
Direct Interface with Opto-Coupler Transistor
capable oscillator with synchronization capability.
•
Thermal Shutdown
PACKAGE
•
TSSOP-20
Typical Application Circuit
Figure 1. Dual Interleaved Regulators with Independent Outputs
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5034

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5034 NSC-LM5034 Datasheet
1Mb / 29P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
logo
Texas Instruments
LM5034 TI1-LM5034 Datasheet
1Mb / 35P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
LM5034 TI2-LM5034 Datasheet
909Kb / 38P
LM5034 High Voltage Dual Interleaved Current Mode Controller with Active Clamp
REVISED APRIL 2013
logo
National Semiconductor ...
LM5034MTC NSC-LM5034MTC Datasheet
1Mb / 29P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
logo
Texas Instruments
LM5034MTC/NOPB TI2-LM5034MTC/NOPB Datasheet
909Kb / 38P
LM5034 High Voltage Dual Interleaved Current Mode Controller with Active Clamp
REVISED APRIL 2013
More results

Similar Description - LM5034

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5034 NSC-LM5034 Datasheet
1Mb / 29P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
LM5032 NSC-LM5032 Datasheet
951Kb / 22P
High Voltage Dual Interleaved Current Mode Controller
LM5027 NSC-LM5027 Datasheet
552Kb / 26P
Voltage Mode Active Clamp Controller
logo
Texas Instruments
UCC2891DRG4 TI1-UCC2891DRG4 Datasheet
1Mb / 41P
CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5032 TI1-LM5032_14 Datasheet
1Mb / 29P
High Voltage Dual Interleaved Current Mode Controller
LM5034 TI1-LM5034_14 Datasheet
1Mb / 35P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
LM5027A TI-LM5027A_15 Datasheet
1Mb / 35P
Voltage Mode Active Clamp Controller
LM5032 TI-LM5032_15 Datasheet
1Mb / 34P
High-Voltage Dual Interleaved Current Mode Controller
LM5027 TI1-LM5027 Datasheet
1Mb / 35P
Voltage Mode Active Clamp Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com