Electronic Components Datasheet Search
  English  ▼

X  

LM5034 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM5034
Description  High Voltage Dual Interleaved Current Mode Controller with Active Clamp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5034 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5034 Datasheet HTML 12Page - Texas Instruments LM5034 Datasheet HTML 13Page - Texas Instruments LM5034 Datasheet HTML 14Page - Texas Instruments LM5034 Datasheet HTML 15Page - Texas Instruments LM5034 Datasheet HTML 16Page - Texas Instruments LM5034 Datasheet HTML 17Page - Texas Instruments LM5034 Datasheet HTML 18Page - Texas Instruments LM5034 Datasheet HTML 19Page - Texas Instruments LM5034 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
RES
SS1
and
SS2
OUT1
0V
2.55V
5.0V
t1
t2
t3
Current Limit Detected at
CS1 and/or CS2
OUT2
50 PA
1 PA
#1.5V
DC1
0.5V
Clk1, Clk2
0.5V
5.0V
2.55V
Restart
Comparator
Q
S
R
Drivers Off
Restart
Latch
DC2
SS1
SS2
To Output
Drivers
PWM #1
PWM #2
COMP2
COMP1
CS2
CS1
Current
Sense Circuit
RES
Soft-start #1
Soft-start #2
Voltage
Feedback
Voltage
Feedback
LM5034
SS2
SS1
49 PA
Restart
Current
Source
Logic
Drivers Off
SS1
200 mV
SS
Logic
SS2
200 mV
SS
Logic
Current
Limit
Current
Sense Circuit
20 PA
CSS1
CSS2
Current
Limit
49 PA
1PA
1PA
C RES
10 PA
LM5034
SNVS347A – FEBRUARY 2005 – REVISED APRIL 2013
www.ti.com
Figure 22. Current Limit Restart Circuit
Figure 23. Current Limit Restart Timing
Soft-Start
Each soft-start circuit allows the corresponding regulator to gradually reach a steady state operating point,
thereby reducing startup current surges and output overshoot. Upon turn-on, both SS pins are internally held at
ground. When VCC increases past its under-voltage threshold (UVT), the SS pins are released and internal 50
µA current sources charge the external capacitors. The voltage at each COMP pin follows the SS pin, and when
COMP reaches
≊1.5V, the output pulses commence at a low duty cycle. The voltage at the SS pins continues to
increase and saturates at
≊5.0V, The voltage at each COMP pin increases to the value required for regulation
where it is controlled by its voltage feedback loop (see Figure 5).
16
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com