Electronic Components Datasheet Search
  English  ▼

X  

LM5034 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5034
Description  High Voltage Dual Interleaved Current Mode Controller with Active Clamp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5034 Datasheet(HTML) 3 Page - Texas Instruments

  LM5034 Datasheet HTML 1Page - Texas Instruments LM5034 Datasheet HTML 2Page - Texas Instruments LM5034 Datasheet HTML 3Page - Texas Instruments LM5034 Datasheet HTML 4Page - Texas Instruments LM5034 Datasheet HTML 5Page - Texas Instruments LM5034 Datasheet HTML 6Page - Texas Instruments LM5034 Datasheet HTML 7Page - Texas Instruments LM5034 Datasheet HTML 8Page - Texas Instruments LM5034 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LM5034
www.ti.com
SNVS347A – FEBRUARY 2005 – REVISED APRIL 2013
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
APPLICATIONS INFORMATION
1
OVLP
Active Clamp Overlap Adjust
An external resistor (10 k
Ω to 100 kΩ) sets the overlap time of the active clamp
outputs relative to the main outputs for both Controller 1 and Controller 2. The
overlap time results in deadtime between each main switch and its active clamp
switch.
2
VIN
Input Supply
Input to the startup regulator. The operating input range is 13V to 100V with
transient capability to 105V.
3
COMP1
PWM Control, Controller 1
The COMP1 input provides voltage feedback to the PWM comparator inverting
input of Controller 1 through a 3:1 divider. The OUT1 duty cycle increases as
the COMP1 voltage increases. An internal 5K
Ω pull-up resistor to +5.0V
provides bias current to an opto-coupler transistor.
4
CS1
Current Sense Input, Controller 1
Input for current mode control and the current limit sensing. If the CS1 pin
exceeds 0.5V the OUT1 pulse is terminated producing cycle-by-cycle current
limiting. External resistance connected to CS1 will adjust (increase) PWM slope
compensation. This pin's voltage must not exceed 1.25V.
5
SS1
Soft-start, Controller 1
An internal 50 µA current source charges an external capacitor to set the soft-
start rate. During a current limit restart sequence, the internal current source is
reduced to 1 µA to increase the delay before retry. Forcing SS1 below 0.5V
shuts off Controller 1.
6
UVLO
VIN Under-Voltage Lockout
An external resistor divider sets the input voltage threshold to enable the
LM5034. The UVLO comparator reference voltage is 1.25V. A switched 20 µA
current source provides adjustable UVLO hysteresis. The UVLO pin voltage
also controls the maximum duty cycle as described in the Functional
Description section.
7
VCC1
Start-up regulator output, Controller 1
Output of the 7.7V high voltage start-up regulator for Controller 1. The sum of
the currents drawn from VCC1 and VCC2 should not exceed 19 mA.
8
OUT1
Main Gate Driver, Controller 1
Gate driver output to the primary side switch for Controller 1. OUT1 swings
between VCC1 and GND1 at a frequency equal to half the oscillator frequency.
9
AC1
Active Clamp Driver, Controller 1
Gate driver output to the active clamp P-channel MOSFET for Controller 1. The
AC1 pulse overlaps the leading and trailing edges of the OUT1 pulse by an
interval set by the OVLP pin resistor. The overlap produces deadtime between
the main switch transistor and the P-channel active clamp transistor.
10
GND1
Ground, Controller 1
Ground connection for Controller 1 including gate drivers, PWM controller, soft-
start and support functions.
11
GND2
Ground, Controller 2
Ground connection for Controller 2 including gate drivers, PWM controller and
soft-start.
12
AC2
Active Clamp Driver, Controller 2
Gate driver output to the active clamp P-channel MOSFET for Controller 2. The
AC2 pulse overlaps the leading and trailing edges of the OUT2 pulse by an
interval set by the OVLP pin resistor. The overlap produces deadtime between
the main switch transistor and the P-channel active clamp transistor.
13
OUT2
Main Gate Driver, Controller 2
Gate driver output to the primary side switch for Controller 2. OUT2 swings
between VCC2 and GND2 at a frequency equal to half the oscillator frequency.
14
VCC2
Start-up regulator output, Controller 2
Output of the 7.7V high voltage start-up regulator for Controller 2. The sum of
the currents drawn from VCC1 and VCC2 should not exceed 19 mA.
15
RES
Hiccup mode restart adjust
An external capacitor sets the time delay before forced restart during a
sustained period of cycle-by-cycle current limiting. The hiccup mode
comparator threshold is 2.55V.
16
SS2
Soft-start, Controller 2
An internal 50 µA current source charges an external capacitor to set the soft-
start rate. During a current limit restart sequence, the internal current source is
reduced to 1µA to increase the delay before retry. Forcing SS2 below 0.5V
shuts off Controller 2.
17
CS2
Current Sense Input, Controller 2
Input for current mode control and the current limit sensing. If the CS2 pin
exceeds 0.5V the OUT2 pulse is terminated producing cycle-by-cycle current
limiting. External resistance connected to CS2 will adjust (increase) PWM slope
compensation. This pin's voltage must not exceed 1.25V.
18
COMP2
PWM Control, Controller 2
The COMP2 input provides voltage feedback to the PWM comparator inverting
input of Controller 2 through a 3:1 divider. The OUT2 duty cycle increases as
the COMP2 voltage increases. An internal 5k
Ω pull-up resistor to +5.0V
provides bias current to the opto-coupler transistor.
19
DCL
Duty Cycle Limit
An external resistor sets the maximum allowed duty cycle at OUT1 and OUT2.
20
RT/SYNC
Oscillator Adjust and Synchronizing
An external resistor sets the oscillator frequency. This pin also accepts ac-
input
coupled synchronization pulses from an external source.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com