Electronic Components Datasheet Search
  English  ▼

X  

LM5034 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5034
Description  High Voltage Dual Interleaved Current Mode Controller with Active Clamp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5034 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5034 Datasheet HTML 7Page - Texas Instruments LM5034 Datasheet HTML 8Page - Texas Instruments LM5034 Datasheet HTML 9Page - Texas Instruments LM5034 Datasheet HTML 10Page - Texas Instruments LM5034 Datasheet HTML 11Page - Texas Instruments LM5034 Datasheet HTML 12Page - Texas Instruments LM5034 Datasheet HTML 13Page - Texas Instruments LM5034 Datasheet HTML 14Page - Texas Instruments LM5034 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
190
192
194
196
198
200
202
204
206
208
210
-50
0
50
100
150
RT = 42.2k
TEMPERATURE (
oC)
-50
0
50
100
150
TEMPERATURE (
oC)
85
90
95
100
105
110
115
ROVLP = 70k
0
20
40
60
80
0
20
40
60
80
100
VOLTAGE AT VIN (V)
R1 = 150 k:
R2 = 10 k:
Figure 27
0
20
40
60
80
100
0
30
60
90
120
150
ROVLP (k:)
0
0.2
0.4
0.6
0.8
1.0
0
20
40
60
80
100
RDCL/RT
UVLO Pin = 1.26V
0
1.0
2.0
3.0
4.0
5.0
0
20
40
60
80
100
VOLTAGE AT UVLO PIN (V)
1.25V
LM5034
www.ti.com
SNVS347A – FEBRUARY 2005 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
User Defined Maximum Duty Cycle vs. RDCL Resistor
Maximum Duty Cycle vs. UVLO Voltage
Figure 12.
Figure 13.
Maximum Duty Cycle vs. VIN (Figure 31)
Active Clamp Overlap Time vs. ROVLP
Figure 14.
Figure 15.
Frequency vs. Temperature
Overlap Time vs. Temperature
Figure 16.
Figure 17.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com