Electronic Components Datasheet Search
  English  ▼

X  

LM5034 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM5034
Description  High Voltage Dual Interleaved Current Mode Controller with Active Clamp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5034 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5034 Datasheet HTML 15Page - Texas Instruments LM5034 Datasheet HTML 16Page - Texas Instruments LM5034 Datasheet HTML 17Page - Texas Instruments LM5034 Datasheet HTML 18Page - Texas Instruments LM5034 Datasheet HTML 19Page - Texas Instruments LM5034 Datasheet HTML 20Page - Texas Instruments LM5034 Datasheet HTML 21Page - Texas Instruments LM5034 Datasheet HTML 22Page - Texas Instruments LM5034 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
VCC1
VCC2
8V - 15V
LM5034
C2
C1
VIN
8V-15V
Start-up
Voltage
VPWR
VIN
VCC1
VCC2
8V - 15V (from
power stage)
C2
C1
LM5034
9V
0.1
0.1 PF
50
LM503
4
VIN
VPWR
LM5034
www.ti.com
SNVS347A – FEBRUARY 2005 – REVISED APRIL 2013
APPLICATIONS INFORMATION
VIN
The voltage applied to the VIN pin, normally the same as the system voltage applied to the power transformer’s
primary (VPWR), can vary in the range of 13 to 100V with transient capability to 105V. The current into VIN
depends primarily on the output driver capacitive loads, the switching frequency, and any external loads on the
VCC pins. If the power dissipation associated with the VIN current exceeds the package capability, an external
voltage should be applied to the VCC pins (see Figure 6 & Figure 7) to reduce power in the internal start-up
regulator. It is recommended the circuit of Figure 26 be used to suppress transients which may occur at the input
supply, in particular where VIN is operated close to the maximum operating rating of the LM5034.
When all internal bias currents for the LM5034 and output driver currents are supplied through VIN and the
internal VCC regulator, the required input current (IIN) is shown in Figure 6 & Figure 7. In most applications, upon
turn-on, IIN increases with VIN as shown in Figure 6 until the UVLO threshold is reached. After the outputs are
enabled and the external VCC supply voltage is active, the current into VIN then drops to a nominal 120 µA.
Figure 26. Input Transient Production
FOR APPLICATIONS >100V
For applications where the system input voltage (VPWR) exceeds 100V, VIN can be powered from an external
start-up regulator as shown in Figure 27, or from any other low voltage source as shown in Figure 28.
Connecting VIN and the VCC together allows the LM5034 to be operated with VIN below 13V. The voltage at the
VCC pins must not exceed 15V. The voltage source at the right side of Figure 27 is typically derived from the
power stage, and becomes active once the LM5034’s outputs are active.
Figure 27. Start-up Regulator for VPWR >100V
Figure 28. Bypassing the Internal Start-up Regulator
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM5034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com