Electronic Components Datasheet Search
  English  ▼

X  

LM5034 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM5034
Description  High Voltage Dual Interleaved Current Mode Controller with Active Clamp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5034 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM5034 Datasheet HTML 14Page - Texas Instruments LM5034 Datasheet HTML 15Page - Texas Instruments LM5034 Datasheet HTML 16Page - Texas Instruments LM5034 Datasheet HTML 17Page - Texas Instruments LM5034 Datasheet HTML 18Page - Texas Instruments LM5034 Datasheet HTML 19Page - Texas Instruments LM5034 Datasheet HTML 20Page - Texas Instruments LM5034 Datasheet HTML 21Page - Texas Instruments LM5034 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
OUT1
OUT2
AC2
AC1
1/Fs
Main Switch On
Active Clamp Switch On
t
OVLP
t
OVLP
t
OVLP
t
OVLP
PWM
OUT
GND
LM503
4
V
CC
LM5034
SNVS347A – FEBRUARY 2005 – REVISED APRIL 2013
www.ti.com
OUT1 and OUT2 are compound gate drivers with CMOS and Bipolar output transistors as shown in Figure 24.
The parallel MOS and Bipolar devices provide a faster turn-off of the primary switch thereby reducing switching
losses. The outputs switch at one-half the oscillator frequency with the rising edges at OUT1 and OUT2 180° out
of phase with each other. The on-time of OUT1 and OUT2 is determined by their respective duty cycle control.
The active clamp outputs are in phase with their respective main outputs, with their edge timing altered by the
overlap control circuit as shown in Figure 25. The overlap time provides deadtime between the operation of the
primary switch and the active clamp switch at both the rising and falling edges. The overlap times are the same
at the rising and falling edges, independent of frequency and duty cycle. The overlap time is programmed by the
resistor at the OVLP pin (ROVLP) according to the following equation (see Figure 15 and Figure 17):
tOVLP = (1.25 x ROVLP) + 5
(3)
where ROVLP is in kΩ, and tOVLP is in ns. The range for ROVLP is 10 kΩ to 100 kΩ. If the application requires zero
overlap time, the OVLP pin should be left open.
Figure 24. Compound Gate Driver
Figure 25. Output Overlap Timing
Thermal Shutdown
The LM5034 should be operated so the junction temperature does not exceed 125°C. If a junction temperature
transient reaches 165°C (typical), the Thermal Shutdown circuit activates the VCC Disable and Drivers Off lines
(see Figure 20). The VCC regulator and the four output drivers are disabled, the SS1, SS2, and RES pins are
grounded, and the soft-start current is set to 50 µA. This puts the LM5034 in a low power state helping to prevent
catastrophic failures from accidental device overheating. When the junction temperature reduces below 145°C
(typical hysteresis = 20°C), the VCC regulator is enabled and a startup sequence is initiated (Figure 5).
18
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com