Electronic Components Datasheet Search
  English  ▼

X  

KAI-08051 Datasheet(PDF) 6 Page - ON Semiconductor

Part # KAI-08051
Description  Interline CCD Image Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-08051 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button KAI-08051 Datasheet HTML 2Page - ON Semiconductor KAI-08051 Datasheet HTML 3Page - ON Semiconductor KAI-08051 Datasheet HTML 4Page - ON Semiconductor KAI-08051 Datasheet HTML 5Page - ON Semiconductor KAI-08051 Datasheet HTML 6Page - ON Semiconductor KAI-08051 Datasheet HTML 7Page - ON Semiconductor KAI-08051 Datasheet HTML 8Page - ON Semiconductor KAI-08051 Datasheet HTML 9Page - ON Semiconductor KAI-08051 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
KAI−08051
www.onsemi.com
6
Table 3. PIN DESCRIPTION
Pin
Name
Description
1
V3B
Vertical CCD Clock, Phase 3, Bottom
3
V1B
Vertical CCD Clock, Phase 1, Bottom
4
V4B
Vertical CCD Clock, Phase 4, Bottom
5
VDDa
Output Amplifier Supply, Quadrant a
6
V2B
Vertical CCD Clock, Phase 2, Bottom
7
GND
Ground
8
VOUTa
Video Output, Quadrant a
9
Ra
Reset Gate, Quadrant a
10
RDa
Reset Drain, Quadrant a
11
H2SLa
Horizontal CCD Clock, Phase 2,
Storage, Last Phase, Quadrant a
12
OGa
Output Gate, Quadrant a
13
H1Ba
Horizontal CCD Clock, Phase 1, Barrier,
Quadrant a
14
H2Ba
Horizontal CCD Clock, Phase 2, Barrier,
Quadrant a
15
H2Sa
Horizontal CCD Clock, Phase 2,
Storage, Quadrant a
16
H1Sa
Horizontal CCD Clock, Phase 1,
Storage, Quadrant a
17
N/C
No Connect
18
SUB
Substrate
19
H2Sb
Horizontal CCD Clock, Phase 2,
Storage, Quadrant b
20
H1Sb
Horizontal CCD Clock, Phase 1,
Storage, Quadrant b
21
H1Bb
Horizontal CCD Clock, Phase 1, Barrier,
Quadrant b
22
H2Bb
Horizontal CCD Clock, Phase 2, Barrier,
Quadrant b
23
H2SLb
Horizontal CCD Clock, Phase 2,
Storage, Last Phase, Quadrant b
24
OGb
Output Gate, Quadrant b
25
Rb
Reset Gate, Quadrant b
26
RDb
Reset Drain, Quadrant b
27
GND
Ground
28
VOUTb
Video Output, Quadrant b
29
VDDb
Output Amplifier Supply, Quadrant b
30
V2B
Vertical CCD Clock, Phase 2, Bottom
31
V1B
Vertical CCD Clock, Phase 1, Bottom
32
V4B
Vertical CCD Clock, Phase 4, Bottom
33
V3B
Vertical CCD Clock, Phase 3, Bottom
34
ESD
ESD Protection Disable
Pin
Name
Description
68
ESD
ESD Protection Disable
67
V3T
Vertical CCD Clock, Phase 3, Top
66
V4T
Vertical CCD Clock, Phase 4, Top
65
V1T
Vertical CCD Clock, Phase 1, Top
64
V2T
Vertical CCD Clock, Phase 2, Top
63
VDDc
Output Amplifier Supply, Quadrant c
62
VOUTc
Video Output, Quadrant c
61
GND
Ground
60
RDc
Reset Drain, Quadrant c
59
Rc
Reset Gate, Quadrant c
58
OGc
Output Gate, Quadrant c
57
H2SLc
Horizontal CCD Clock, Phase 2,
Storage, Last Phase, Quadrant c
56
H2Bc
Horizontal CCD Clock, Phase 2, Barrier,
Quadrant c
55
H1Bc
Horizontal CCD Clock, Phase 1, Barrier,
Quadrant c
54
H1Sc
Horizontal CCD Clock, Phase 1,
Storage, Quadrant c
53
H2Sc
Horizontal CCD Clock, Phase 2,
Storage, Quadrant c
52
SUB
Substrate
51
N/C
No Connect
50
H1Sd
Horizontal CCD Clock, Phase 1,
Storage, Quadrant d
49
H2Sd
Horizontal CCD Clock, Phase 2,
Storage, Quadrant d
48
H2Bd
Horizontal CCD Clock, Phase 2, Barrier,
Quadrant d
47
H1Bd
Horizontal CCD Clock, Phase 1, Barrier,
Quadrant d
46
OGd
Output Gate, Quadrant d
45
H2SLd
Horizontal CCD Clock, Phase 2,
Storage, Last Phase, Quadrant d
44
RDd
Reset Drain, Quadrant d
43
Rd
Reset Gate, Quadrant d
42
VOUTd
Video Output, Quadrant d
41
GND
Ground
40
V2T
Vertical CCD Clock, Phase 2, Top
39
VDDd
Output Amplifier Supply, Quadrant d
38
V4T
Vertical CCD Clock, Phase 4, Top
37
V1T
Vertical CCD Clock, Phase 1, Top
36
DevID
Device Identification
35
V3T
Vertical CCD Clock, Phase 3, Top
1. Liked named pins are internally connected and should have a
common drive signal.
2. N/C pins (17, 51) should be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com