Electronic Components Datasheet Search
  English  ▼

X  

KAI-08051 Datasheet(PDF) 19 Page - ON Semiconductor

Part # KAI-08051
Description  Interline CCD Image Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-08051 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button KAI-08051 Datasheet HTML 15Page - ON Semiconductor KAI-08051 Datasheet HTML 16Page - ON Semiconductor KAI-08051 Datasheet HTML 17Page - ON Semiconductor KAI-08051 Datasheet HTML 18Page - ON Semiconductor KAI-08051 Datasheet HTML 19Page - ON Semiconductor KAI-08051 Datasheet HTML 20Page - ON Semiconductor KAI-08051 Datasheet HTML 21Page - ON Semiconductor KAI-08051 Datasheet HTML 22Page - ON Semiconductor KAI-08051 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
KAI−08051
www.onsemi.com
19
OPERATION
Table 13. ABSOLUTE MAXIMUM RATINGS
Description
Symbol
Minimum
Maximum
Units
Notes
Operating Temperature
TOP
−50
+70
°C
1
Humidity
RH
+5
+90
%
2
Output Bias Current
Iout
60
mA
3
Off−chip Load
CL
10
pF
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Noise performance will degrade at higher temperatures.
2. T = 25°C. Excessive humidity will degrade MTTF.
3. Total for all outputs. Maximum current is −15 mA for each output. Avoid shorting output pins to ground or any low impedance source during
operation. Amplifier bandwidth increases at higher current and lower load capacitance at the expense of reduced gain (sensitivity).
Table 14. ABSOLUTE MAXIMUM VOLTAGE RATINGS BETWEEN PINS AND GROUND
Description
Minimum
Maximum
Units
Notes
VDDa, VOUTa
−0.4
15.5
V
1
RDa
−0.4
15.5
V
1
V1B, V1T
ESD − 0.4
ESD + 24.0
V
V2B, V2T, V3B, V3T, V4B, V4T
ESD − 0.4
ESD + 14.0
V
H1Sa, H1Ba, H2Sa, H2Ba, H2SLa, Ra, OGa
ESD − 0.4
ESD + 14.0
V
1
ESD
−10.0
0.0
V
SUB
−0.4
40.0
V
2
1. a denotes a, b, c or d
2. Refer to Application Note Using Interline CCD Image Sensors in High Intensity Visible Lighting Conditions.
Power−Up and Power−Down Sequence
Adherence to the power−up and power−down sequence is critical. Failure to follow the proper power−up and power−down
sequences may cause damage to the sensor.
Figure 16. Power−Up and Power−Down Sequence
VDD
SUB
ESD
VCCD
Low
HCCD
Low
time
V+
V−
Activate all other biases when
ESD is stable and sub is above 3V
Do not pulse the electronic shutter
until ESD is stable
Notes:
1. Activate all other biases when ESD is stable and
SUB is above 3 V
2. Do not pulse the electronic shutter until ESD is
stable
3. VDD cannot be +15 V when SUB is 0 V
4. The image sensor can be protected from an
accidental improper ESD voltage by current
limiting the SUB current to less than 10 mA. SUB
and VDD must always be greater than GND. ESD
must always be less than GND. Placing diodes
between SUB, VDD, ESD and ground will protect
the sensor from accidental overshoots of SUB,
VDD and ESD during power on and power off.
See the figure below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com