Electronic Components Datasheet Search
  English  ▼

X  

KAI-08051 Datasheet(PDF) 4 Page - ON Semiconductor

Part # KAI-08051
Description  Interline CCD Image Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-08051 Datasheet(HTML) 4 Page - ON Semiconductor

  KAI-08051 Datasheet HTML 1Page - ON Semiconductor KAI-08051 Datasheet HTML 2Page - ON Semiconductor KAI-08051 Datasheet HTML 3Page - ON Semiconductor KAI-08051 Datasheet HTML 4Page - ON Semiconductor KAI-08051 Datasheet HTML 5Page - ON Semiconductor KAI-08051 Datasheet HTML 6Page - ON Semiconductor KAI-08051 Datasheet HTML 7Page - ON Semiconductor KAI-08051 Datasheet HTML 8Page - ON Semiconductor KAI-08051 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
KAI−08051
www.onsemi.com
4
and exposure time and non−linearly dependent on
wavelength. When the photodiodes charge capacity is
reached, excess electrons are discharged into the substrate to
prevent blooming.
ESD Protection
Adherence to the power−up and power−down sequence is
critical. Failure to follow the proper power−up and
power−down sequences may cause damage to the sensor.
See Power−Up and Power−Down Sequence section.
Bayer Color Filter Pattern
Figure 3. Bayer Color Filter Pattern
HLOD
12 Dark
12
V1B
12 Buffer
12
12
B G
G R
22
1 Dummy
1 Dummy
3296H x 2472V
5.5 mm x 5.5 mm Pixels
1648
1648
1648
1648
(Last VCCD Phase = V1 → H1S)
V2B
V3B
V4B
V1T
V2T
V3T
V4T
RDa
Ra
VDDa
VOUTa
GND
RDc
Rc
VDDc
VOUTc
GND
RDd
Rd
VDDd
VOUTd
GND
RDb
Rb
VDDb
VOUTb
GND
V1B
V2B
V3B
V4B
V1T
V2T
V3T
V4T
H2SLa
OGa
H2SLc
OGc
H2SLd
OGd
H2SLb
OGb
ESD
ESD
8 22 10 1
12
8
22
10
1
12
8
22
10
1
12
8 22 10 1
12
22 12
DevID
HLOD
B G
G R
B G
G R
B G
G R
TRUESENSE Sparse Color Filter Pattern
Figure 4. TRUESENSE Sparse Color Filter Pattern
HLOD
12 Dark
12
V1B
12 Buffer
12
12
22
1 Dummy
1 Dummy
3296H x 2472V
5.5 mm x 5.5 mm Pixels
1648
1648
1648
1648
(Last VCCD Phase = V1 → H1S)
V2B
V3B
V4B
V1T
V2T
V3T
V4T
RDa
Ra
VDDa
VOUTa
GND
RDc
Rc
VDDc
VOUTc
GND
RDd
Rd
VDDd
VOUTd
GND
RDb
Rb
VDDb
VOUTb
GND
V1B
V2B
V3B
V4B
V1T
V2T
V3T
V4T
H2SLa
OGa
H2SLc
OGc
H2SLd
OGd
H2SLb
OGb
ESD
ESD
8 22 10 1
12
8
22
10
1
12
8
22
10
1
12
8 22 10 1
12
22 12
DevID
HLOD
P B
G
R
P
B P
P
G
G
G
P
P
P R P
P B
G
R
P
B P
P
G
G
G
P
P
P R P
P B
G
R
P
B P
P
G
G
G
P
P
P R P
P B
G
R
P
B P
P
G
G
G
P
P
P R P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com