Electronic Components Datasheet Search
  English  ▼

X  

KAI-08051 Datasheet(PDF) 18 Page - ON Semiconductor

Part # KAI-08051
Description  Interline CCD Image Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-08051 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button KAI-08051 Datasheet HTML 14Page - ON Semiconductor KAI-08051 Datasheet HTML 15Page - ON Semiconductor KAI-08051 Datasheet HTML 16Page - ON Semiconductor KAI-08051 Datasheet HTML 17Page - ON Semiconductor KAI-08051 Datasheet HTML 18Page - ON Semiconductor KAI-08051 Datasheet HTML 19Page - ON Semiconductor KAI-08051 Datasheet HTML 20Page - ON Semiconductor KAI-08051 Datasheet HTML 21Page - ON Semiconductor KAI-08051 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
KAI−08051
www.onsemi.com
18
Example for major bright field defective pixels:
• Average value of all active pixels is found to be
546 mV
• Dark defect threshold: 546 mV * 12 % = 66 mV
• Bright defect threshold: 546 mV * 12 % = 66 mV
• Region of interest #1 selected. This region of interest is
pixels 13, 13 to pixels 115, 115.
♦ Median of this region of interest is found to be
546 mV.
♦ Any pixel in this region of interest that
is
≥ (546 + 66 mV) 612 mV in intensity will be
marked defective.
♦ Any pixel in this region of interest that
is
≤ (546 − 66 mV) 480 mV in intensity will be
marked defective.
• All remaining 768 sub regions of interest are analyzed
for defective pixels in the same manner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com