Electronic Components Datasheet Search
  English  ▼

X  

KAI-08051 Datasheet(PDF) 17 Page - ON Semiconductor

Part # KAI-08051
Description  Interline CCD Image Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-08051 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button KAI-08051 Datasheet HTML 13Page - ON Semiconductor KAI-08051 Datasheet HTML 14Page - ON Semiconductor KAI-08051 Datasheet HTML 15Page - ON Semiconductor KAI-08051 Datasheet HTML 16Page - ON Semiconductor KAI-08051 Datasheet HTML 17Page - ON Semiconductor KAI-08051 Datasheet HTML 18Page - ON Semiconductor KAI-08051 Datasheet HTML 19Page - ON Semiconductor KAI-08051 Datasheet HTML 20Page - ON Semiconductor KAI-08051 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
KAI−08051
www.onsemi.com
17
Tests
Dark Field Global Non−Uniformity
This test is performed under dark field conditions. The
sensor is partitioned into 768 sub regions of interest, each of
which is 103 by 103 pixels in size. The average signal level
of each of the 768 sub regions of interest is calculated. The
signal level of each of the sub regions of interest is calculated
using the following formula:
Signal of ROI[i] = (ROI Average in counts − Horizontal
overclock average in counts) * mV per count
Where i = 1 to 768. During this calculation on the 768 sub
regions of interest, the maximum and minimum signal levels
are found. The dark field global uniformity is then calculated
as the maximum signal found minus the minimum signal
level found.
Units: mVpp (millivolts peak to peak)
Global Non−Uniformity
This test is performed with the imager illuminated to a
level such that the output is at 70% of saturation
(approximately 546 mV). Prior to this test being performed
the substrate voltage has been set such that the charge
capacity of the sensor is 780 mV. Global non−uniformity is
defined as
GlobalNon−Uniformity + 100
ActiveAreaStandardDeviation
ActiveAreaSignal
Units: %rms.
Active Area Signal = Active Area Average − Dark Column
Average
Global Peak to Peak Non−Uniformity
This test is performed with the imager illuminated to a
level such that the output is at 70% of saturation
(approximately 546 mV). Prior to this test being performed
the substrate voltage has been set such that the charge
capacity of the sensor is 780 mV. The sensor is partitioned
into 768 sub regions of interest, each of which is 103 by 103
pixels in size. The average signal level of each of the 768 sub
regions of interest (ROI) is calculated. The signal level of
each of the sub regions of interest is calculated using the
following formula:
Signal of ROI[i] = (ROI Average in counts − Horizontal
overclock average in counts) * mV per count
Where i = 1 to 768. During this calculation on the 768 sub
regions of interest, the maximum and minimum signal levels
are found. The global peak to peak uniformity is then
calculated as:
GlobalUniformity + 100
MaximumSignal * MinimumSignal
ActiveAreaSignal
Units: %pp
Center Non−Uniformity
This test is performed with the imager illuminated to a
level such that the output is at 70% of saturation
(approximately 560 mV). Prior to this test being performed
the substrate voltage has been set such that the charge
capacity of the sensor is 780 mV. Defects are excluded for
the calculation of this test. This test is performed on the
center 100 by 100 pixels of the sensor. Center uniformity is
defined as:
Center ROI Uniformity + 100
Center ROI Standard Deviation
Center ROI Signal
Units: %rms.
Center ROI Signal = Center ROI Average − Dark Column
Average
Dark Field Defect Test
This test is performed under dark field conditions. The
sensor is partitioned into 768 sub regions of interest, each of
which is 103 by 103 pixels in size. In each region of interest,
the median value of all pixels is found. For each region of
interest, a pixel is marked defective if it is greater than or
equal to the median value of that region of interest plus the
defect threshold specified in the “Defect Definitions”
section.
Bright Field Defect Test
This test is performed with the imager illuminated to a
level such that the output is at approximately 546 mV. Prior
to this test being performed the substrate voltage has been set
such that the charge capacity of the sensor is 780 mV. The
average signal level of all active pixels is found. The bright
and dark thresholds are set as:
Dark defect threshold = Active Area Signal * threshold
Bright defect threshold = Active Area Signal * threshold
The sensor is then partitioned into 768 sub regions of
interest, each of which is 103 by 103 pixels in size. In each
region of interest, the average value of all pixels is found.
For each region of interest, a pixel is marked defective if it
is greater than or equal to the median value of that region of
interest plus the bright threshold specified or if it is less than
or equal to the median value of that region of interest minus
the dark threshold specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com