Electronic Components Datasheet Search
  English  ▼

X  

KAI-08051 Datasheet(PDF) 3 Page - ON Semiconductor

Part # KAI-08051
Description  Interline CCD Image Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-08051 Datasheet(HTML) 3 Page - ON Semiconductor

  KAI-08051 Datasheet HTML 1Page - ON Semiconductor KAI-08051 Datasheet HTML 2Page - ON Semiconductor KAI-08051 Datasheet HTML 3Page - ON Semiconductor KAI-08051 Datasheet HTML 4Page - ON Semiconductor KAI-08051 Datasheet HTML 5Page - ON Semiconductor KAI-08051 Datasheet HTML 6Page - ON Semiconductor KAI-08051 Datasheet HTML 7Page - ON Semiconductor KAI-08051 Datasheet HTML 8Page - ON Semiconductor KAI-08051 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
KAI−08051
www.onsemi.com
3
DEVICE DESCRIPTION
Architecture
Figure 2. Block Diagram (Monochrome − No Filter Pattern)
HLOD
12 Dark
12
V1B
12 Buffer
12
12
22
1 Dummy
1 Dummy
3296H x 2472V
5.5 mm x 5.5 mm Pixels
1648
1648
1648
1648
(Last VCCD Phase = V1 → H1S)
V2B
V3B
V4B
V1T
V2T
V3T
V4T
RDa
Ra
VDDa
VOUTa
GND
RDc
Rc
VDDc
VOUTc
GND
RDd
Rd
VDDd
VOUTd
GND
RDb
Rb
VDDb
VOUTb
GND
V1B
V2B
V3B
V4B
V1T
V2T
V3T
V4T
H2SLa
OGa
H2SLc
OGc
H2SLd
OGd
H2SLb
OGb
ESD
ESD
8 22 10 1
12
8
22
10
1
12
8
22
10
1
12
8 22
12
22 12
DevID
HLOD
10 1
Dark Reference Pixels
There are 12 dark reference rows at the top and 12 dark
rows at the bottom of the image sensor. The dark rows are not
entirely dark and so should not be used for a dark reference
level. Use the 22 dark columns on the left or right side of the
image sensor as a dark reference.
Under normal circumstances use only the center 20
columns of the 22 column dark reference due to potential
light leakage.
Dummy Pixels
Within each horizontal shift register there are 11 leading
additional shift phases. These pixels are designated as
dummy pixels and should not be used to determine a dark
reference level.
In addition, there is one dummy row of pixels at the top
and bottom of the image.
Active Buffer Pixels
12 unshielded pixels adjacent to any leading or trailing
dark reference regions are classified as active buffer pixels.
Eight of the active buffer pixels that are adjacent to the dark
reference region have a lower response than the rest of the
4 active buffer pixels that are directly adjacent to the active
pixels. These pixels are light sensitive but are not tested for
defects and non−uniformities.
Image Acquisitio
n
An electronic representation of an image is formed when
incident photons falling on the sensor plane create
electron−hole pairs within the individual silicon
photodiodes. These photoelectrons are collected locally by
the formation of potential wells at each photosite. Below
photodiode saturation, the number of photoelectrons
collected at each pixel is linearly dependent upon light level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com