Electronic Components Datasheet Search
  English  ▼

X  

KAI-08051 Datasheet(PDF) 29 Page - ON Semiconductor

Part # KAI-08051
Description  Interline CCD Image Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-08051 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button KAI-08051 Datasheet HTML 25Page - ON Semiconductor KAI-08051 Datasheet HTML 26Page - ON Semiconductor KAI-08051 Datasheet HTML 27Page - ON Semiconductor KAI-08051 Datasheet HTML 28Page - ON Semiconductor KAI-08051 Datasheet HTML 29Page - ON Semiconductor KAI-08051 Datasheet HTML 30Page - ON Semiconductor KAI-08051 Datasheet HTML 31Page - ON Semiconductor KAI-08051 Datasheet HTML 32Page - ON Semiconductor KAI-08051 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
KAI−08051
www.onsemi.com
29
STORAGE AND HANDLING
Table 20. STORAGE CONDITIONS
Description
Symbol
Minimum
Maximum
Units
Notes
Storage Temperature
TST
−55
+80
°C
1
Humidity
RH
5
90
%
2
1. Long term storage toward the maximum temperature will accelerate color filter degradation.
2. T = 25°C. Excessive humidity will degrade MTTF.
For information on ESD and cover glass care and
cleanliness, please download the Image Sensor Handling
and Best Practices Application Note (AN52561/D) from
www.onsemi.com.
For information on soldering recommendations, please
download the Soldering and Mounting Techniques
Reference
Manual
(SOLDERRM/D)
from
www.onsemi.com.
For quality and reliability information, please download
the Quality & Reliability Handbook (HBD851/D) from
www.onsemi.com.
For information on device numbering and ordering codes,
please download the Device Nomenclature technical note
(TND310/D) from www.onsemi.com.
For information on Standard terms and Conditions of
Sale, please download Terms and Conditions from
www.onsemi.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com