| Electronic Components Datasheet Search |
|
KAI-08051 Datasheet(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
KAI-08051 Datasheet(HTML) 2 Page - ON Semiconductor |
|
2 / 35 page ![]() KAI−08051 www.onsemi.com 2 ORDERING INFORMATION Table 2. ORDERING INFORMATION Part Number Description Marking Code KAI−08051−AAA−JP−BA Monochrome, No Microlens, PGA Package, Taped Clear Cover Glass, no coatings, Standard Grade KAI−08051−AAA Serial Number KAI−08051−AAA−JP−AE Monochrome, No Microlens, PGA Package, Taped Clear Cover Glass, no coatings, Engineering Grade KAI−08051−ABA−JD−BA Monochrome, Telecentric Microlens, PGA Package, Sealed Clear Cover Glass with AR coating (both sides), Standard Grade KAI−08051−ABA Serial Number KAI−08051−ABA−JD−AE Monochrome, Telecentric Microlens, PGA Package, Sealed Clear Cover Glass with AR coating (both sides), Engineering Grade KAI−08051−ABA−JP−BA Monochrome, Telecentric Microlens, PGA Package, Taped Clear Cover Glass, no coatings, Standard Grade KAI−08051−ABA−JP−AE Monochrome, Telecentric Microlens, PGA Package, Taped Clear Cover Glass, no coatings, Engineering Grade KAI−08051−FBA−JD−BA Gen2 Color (Bayer RGB), Telecentric Microlens, PGA Package, Sealed Clear Cover Glass with AR coating (both sides), Standard Grade KAI−08051−FBA Serial Number KAI−08051−FBA−JD−AE Gen2 Color (Bayer RGB), Telecentric Microlens, PGA Package, Sealed Clear Cover Glass with AR coating (both sides), Engineering Grade KAI−08051−FBA−JB−B2 Gen2 Color (Bayer RGB), Telecentric Microlens, PGA Package, Sealed Clear Cover Glass (no coatings), Grade 2 KAI−08051−FBA−JB−AE Gen2 Color (Bayer RGB), Telecentric Microlens, PGA Package, Sealed Clear Cover Glass (no coatings), Engineering Grade KAI−08051−QBA−JD−BA Gen2 Color (TRUESENSE Sparse CFA), Telecentric Microlens, PGA Package, Sealed Clear Cover Glass with AR coating (both sides), Standard Grade KAI−08051−QBA Serial Number KAI−08051−QBA−JD−AE Gen2 Color (TRUESENSE Sparse CFA), Telecentric Microlens, PGA Package, Sealed Clear Cover Glass with AR coating (both sides), Engineering Grade See the ON Semiconductor Device Nomenclature document (TND310/D) for a full description of the naming convention used for image sensors. For reference documentation, including information on evaluation kits, please visit our web site at www.onsemi.com. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |