| Electronic Components Datasheet Search |
|
KAI-08051 Datasheet(PDF) 26 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
KAI-08051 Datasheet(HTML) 26 Page - ON Semiconductor |
|
26 / 35 page ![]() KAI−08051 www.onsemi.com 26 Photodiode Transfer Timing A row of charge is transferred to the HCCD on the falling edge of V1 as indicated in the P1 pattern below. Using this timing sequence, the leading dummy row or line is combined with the first dark row in the HCCD. The “Last Line” is dependent on readout mode – either 632 or 1264 minimum counts required. It is important to note that, in general, the rising edge of a vertical clock (patterns P1−P4) should be coincident or slightly leading a falling edge at the same time interval. This is particularly true at the point where P1 returns from the high (3rd level) state to the mid−state when P4 transitions from the low state to the high state. Figure 22. Photodiode Transfer Timing Last Line L1 + Dummy Line P1B P2B P3B P4B Pattern L2 P1T P2T P3T P4T tv tv/2 tpd tv/2 tv/2 td td t3p t3d tv ths tv tv/2 tv ths tv/2 tv/2 P5 P6 P7 1 2 3 4 5 6 Line and Pixel Timing Each row of charge is transferred to the output, as illustrated below, on the falling edge of H2SL (indicated as P6 pattern). The number of pixels in a row is dependent on readout mode – either 853 or 1706 minimum counts required. Figure 23. Line and Pixel Timing P1T P5 P6 P7 Pixel n Pixel 1 Pixel 34 t line t v t hs t e t r t e/2 VOUT Pattern P1B t v |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |