Electronic Components Datasheet Search
  English  ▼

X  

KAI-08051 Datasheet(PDF) 1 Page - ON Semiconductor

Part # KAI-08051
Description  Interline CCD Image Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-08051 Datasheet(HTML) 1 Page - ON Semiconductor

  KAI-08051 Datasheet HTML 1Page - ON Semiconductor KAI-08051 Datasheet HTML 2Page - ON Semiconductor KAI-08051 Datasheet HTML 3Page - ON Semiconductor KAI-08051 Datasheet HTML 4Page - ON Semiconductor KAI-08051 Datasheet HTML 5Page - ON Semiconductor KAI-08051 Datasheet HTML 6Page - ON Semiconductor KAI-08051 Datasheet HTML 7Page - ON Semiconductor KAI-08051 Datasheet HTML 8Page - ON Semiconductor KAI-08051 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
© Semiconductor Components Industries, LLC, 2015
March, 2015 − Rev. 3
1
Publication Order Number:
KAI−08051/D
KAI-08051
3296 (H) x 2472 (V)
Interline CCD Image Sensor
Descriptio
n
The KAI−08051 Image Sensor is an 8−megapixel CCD in a 4/3”
optical format that provides increased QE, reduced read noise, and
improved color accuracy compared to earlier generation devices in the
TRUESENSE 5.5 micron Interline Transfer CCD family. The sensor
features broad dynamic range, excellent imaging performance, and a
flexible readout architecture that enables use of 1, 2, or 4 outputs. Full
resolution readout is supported at up to 16 frames per second, a Region
of Interest (ROI) mode supports partial readout of the sensor at even
higher frame rates.
The sensor is available with the TRUESENSE Sparse Color Filter
Pattern, which provides a 2x improvement in light sensitivity
compared to a standard color Bayer part.
The sensor shares common pin−out and electrical configurations
with other devices based on the TRUESENSE 5.5 micron Interline
Transfer Platform, allowing a single camera design to support multiple
members of this family.
Table 1. GENERAL SPECIFICATIONS
Parameter
Typical Value
Architecture
Interline CCD; Progressive Scan
Total Number of Pixels
3364 (H) x 2520 (V)
Number of Effective Pixels
3320 (H) x 2496 (V)
Number of Active Pixels
3296 (H) x 2472 (V)
Pixel Size
5.5 mm (H) x 5.5 mm (V)
Active Image Size
18.13 mm (H) x 13.60 mm (V)
22.66 mm (diag), 4/3” optical format
Aspect Ratio
4:3
Number of Outputs
1, 2, or 4
Charge Capacity
20,000 electrons
Output Sensitivity
39 mV/e−
Quantum Efficiency
Pan (−ABA, −PBA)
R, G, B (−CBA, −PBA)
50%
34%, 41%, 42%
Read Noise (f = 40 MHz)
10 e−
Dark Current
Photodiode
VCCD
7 electrons/s
100 electrons/s
Dark Current Doubling Temp.
Photodiode
VCCD
7°C
9°C
Dynamic Range
66 dB
Charge Transfer Efficiency
0.999999
Blooming Suppression
> 300 X
Smear
−100 dB
Image Lag
< 10 electrons
Maximum Pixel Clock Speed
40 MHz
Maximum Frame Rates
Quad Output
Dual Output
Single Output
16 fps
8 fps
4 fps
Package
68 pin PGA
Cover Glass
AR coated, 2 Sides or Clear Glass
NOTE: All parameters are specified at T = 40°C unless otherwise noted.
www.onsemi.com
Figure 1. KAI−08051 CCD Image Sensor
Features
• Increased QE, Reduced Read Noise, and
and Improved Color Accuracy
• Bayer Color Pattern, TRUESENSE Sparse
Color Filter Pattern, and Monochrome
Configurations
• Progressive Scan Readout
• Flexible Readout Architecture
• High Frame Rate
• High Sensitivity
• Low Noise Architecture
• Excellent Smear Performance
• Package Pin Reserved for Device
Identification
Applications
• Industrial Imaging
• Medical Imaging
• Security
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - KAI-08051

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-08050 ONSEMI-KAI-08050 Datasheet
622Kb / 31P
Interline CCD Image Sensor
September, 2016 ??Rev. 8
KAI-08050-AAA-JP-AE ONSEMI-KAI-08050-AAA-JP-AE Datasheet
703Kb / 31P
Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-08050-AAA-JP-BA ONSEMI-KAI-08050-AAA-JP-BA Datasheet
703Kb / 31P
Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-08050-ABA-JD-AE ONSEMI-KAI-08050-ABA-JD-AE Datasheet
703Kb / 31P
Interline CCD Image Sensor
March, 2015 ??Rev. 7
More results

Similar Description - KAI-08051

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-04070 ONSEMI-KAI-04070 Datasheet
1Mb / 50P
INTERLINE CCD IMAGE SENSOR
July, 2015 ??Rev. 3
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE02150 ONSEMI-KAE02150_16 Datasheet
817Kb / 40P
Interline CCD Image Sensor
February, 2016 ??Rev. 2
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
Interline CCD Image Sensor
February, 2017 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com