Electronic Components Datasheet Search
  English  ▼

X  

SM8212 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM8212
Description  POCSAG Decoder For Multiframe Pagers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8212 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM8212 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
NIPPON PRECISION CIRCUITS-4
SM8212B
SPECIFICATIONS
Absolute Maximum Ratings
Recommended Operating Conditions
DC Characteristics
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
-0.3 to 7.0
V
Input voltage range
VIN
VSS-0.3 to VDD+0.3
V
Storage temperature range
TSTG
-40 to 125
°C
Power dissipation
PW
250
mW
Soldering temperature
TSLD
255
°C
Soldering time
tSLD
10
sec.
(VSS=0V)
Rating
Parameter
Symbol
Condition
MIN
TYP
MAX
Unit
Supply voltage
VDD
2.0
-
3.5
V
Operating temperature
TOPR
-20
70
°C
(VSS=0V)
Rating
Parameter
Pin
Symbol
Condition
MIN
TYP
MAX
Unit
Operating current consumption
VDD
IDD1
VDD=3.0V (Note1)
3.0
6.0
µA
(IDLE mode)
VDD=2.0V (Note 1)
2.0
4.0
Standby supply current
VDD
IDD2
VDD=3.0V (Note 2)
2.0
4.0
µA
VDD=2.0V (Note 2)
1.5
3.0
Input voltage
All input pins
VIH
0.8*VDD
V
VIL
0.2*VDD
Output current
All outputs
IOH
VOH=2.6V, VDD=3.0V
0.6
1.4
mA
except XTN
IOL
VOL=0.4V, VDD=3.0V
1.0
2.2
Output current
All outputs
IOH
VOH=1.6V, VDD=2.0V
0.3
0.7
mA
except XTN
IOL
VOL=0.4V, VDD=2.0V
0.7
1.5
(Recommended operating conditions unless otherwise noted)
(Note 1) When killed CLKO output
(Note 2) Oscillator circuit is working
The consumption current is slightly higher when RSTN is going LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com