Electronic Components Datasheet Search
  English  ▼

X  

SM8212 Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM8212
Description  POCSAG Decoder For Multiframe Pagers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8212 Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM8212 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
NIPPON PRECISION CIRCUITS-10
SM8212B
The SM8212B controls the intermittent-duty operation
of the RF stage, which reduces battery consumption, and
outputs three control signals (BS1, BS2, BS3). The func-
tion each signal controls in each mode is described below.
BS1 (RF-control main output signal)
The RF stage is active when BS1 is HIGH. The ris-
ing-edge setup time for receive timing is set by flags
RF0 to RF5 (61 steps). The maximum setup time is
25.417 ms at 2400 bps, 50.833 ms at 1200 bps and
119.141 ms at 512 bps. Note that 3E and 3F are
invalid settings for BS1.
BS2 (RF DC-level adjustment signal)
BS2 is used to control the discharge of the receive sig-
nal DC-cut capacitor. The function of BS2 is deter-
mined by flag BS2, as described below.
-When flag “BS2 option” is 0, pin BS2 goes HIGH
together with BS1 and then goes LOW again after the
BS1 setup time in idle mode. In preamble and lock
(during address/message reception) mode, it keeps
LOW.
-When flag “BS2 option” is 1, pin BS2 goes HIGH
during lock mode sync code receive timing and idle
mode signal receive timing. In preamble mode, it
keeps LOW.
BS3 (PLL setup signal)
BS3 is used to control PLL operation when the PLL is
used. The rising-edge setup time for receive timing is
set by flags PL0 to PL5 (61 steps). The maximum
setup time is 25.833 ms at 2400 bps, 51.667 ms at
1200 bps and 121.094 ms at 512 bps. Note that 3F is
an invalid setting for BS3.
Note also that the setup times should be set such that
(BS3 rising-edge setup time) > (BS1 rising-edge setup
time).
2. Battery Saving (BS1, BS2, BS3)
01
23
456
7
0
1
3
4
5
6
7
2
01
23
456
7
0
1
3
4
5
6
7
2
Self address
1.953*Nms (0.833*Nms)
[0.417*Nms]
1.953*Mms
(0.833*Mms) [0.417*Mms]
1.953*Nms (0.833*Nms)
[0.417*Nms]
1.953*Mms
(0.833*Mms) [0.417*Mms]
BREAK detection to reception stop (32 bit max.)
Receive code
BS1
BREAK command
BS2
(flag BS2 option = 0)
BS2
(flag BS2 option = 1)
BS3
Receive code
BS1
BS2
(flag BS2 option = 0)
BS2
(flag BS2 option = 1)
BS3
Figure 3. BS1, BS2 and BS3 timing (LOCK mode, frame 3)
Address does not match
Self address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com