Electronic Components Datasheet Search
  English  ▼

X  

SM8212 Datasheet(PDF) 12 Page - Nippon Precision Circuits Inc

Part # SM8212
Description  POCSAG Decoder For Multiframe Pagers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8212 Datasheet(HTML) 12 Page - Nippon Precision Circuits Inc

Back Button SM8212 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 16Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
NIPPON PRECISION CIRCUITS-12
SM8212B
Preamble mode is a continuous 544-bit long period. If
neither a preamble pattern, rate error nor sync code is
detected during this period, operation transfers to idle
mode.
(a) If a preamble pattern is detected, the preamble
mode 544-bit long period is recommenced.
(b) If the sync code is detected, AREA goes HIGH
and operation transfers to lock mode. If an error of 2
bits or less occurs, the detected word is recognized as
the sync code. During the preamble mode interval,
BS1 and BS3 are held HIGH. BS2 keeps LOW.
* A single error occurs when two active edges occur in the
received signal on SIGNAL within 1-bit unit time. A rate
error occurs when the number of errors in the error
counter equals the error threshold set by flags ER0 to ER2.
The error counter is reset when a preamble pattern is
detected.
(2) Preamble mode
..1010111010101010..
Preamble Signal
Preamble count
starts
Counting
Count reset to 0
Preamble detected
Preamble count restarts
Error bit
Figure 5. PREAMBLE mode internal operation
t
t : 1-bit time
tt
t
t
tt
Error counter (e. g. set value
≥ 3)
Preamble and error
count starts
Preamble detected
and count reset
1 01 01 0 1
0 11 12 2 0
(3) Idle mode
In idle mode, a check is made for the presence of a
preamble signal when the RF intermittent-duty control sig-
nals (BS1, BS2, BS3) for battery saving are active. If a
preamble pattern is detected, operation immediately trans-
fers to preamble mode. If a preamble pattern is not detect-
ed, intermittent-duty operation continues.
A preamble pattern is detected when either a 101010 or
010101 6-bit pattern is detected. Since there is a reason-
able probability that this simple pattern can occur during a
valid communicated signal (data, not preamble), this 6-bit
pattern makes returning to preamble mode easier. This is
useful for cases where weak electric fields, noise or other
temporary interference cause device operation to transfer to
idle mode.
Further, the idle mode receive timing immediately after
transfer from lock mode is the same as the original sync
code receive timing. As a result, if a sync code is detected,
operation returns to lock mode.
BS2
(flag BS2 option = 0)
BS1
62.5ms
(26.7ms)
[13.4ms]
1062.5ms (453.3ms) [226.7ms]
Receive timing
1.953*Nms
(0.833*Nms)
[0.417*Nms]
1.953*Mms
(0.833*Mms)
[0.417*Mms]
BS2
(flag BS2 option = 1)
BS3
Figure 6. IDLE mode timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com