Electronic Components Datasheet Search
  English  ▼

X  

SM8212 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM8212
Description  POCSAG Decoder For Multiframe Pagers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8212 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM8212 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
NIPPON PRECISION CIRCUITS-5
SM8212B
AC Characteristics
Rating
Parameter
Synbol
MIN
TYP
MAX
Unit
Condition
XT clock frequency
fCYXT
-250ppm
76.8
+250ppm
kHz
XT clock duty cycle
DXT
25
75
%
SCK clock pulsewidth
tPWSC
2
150
µs
5
1900
µs
512bps
SCK clock interval (except WRITE mode)
tCYSC
5
830
µs
1200bps
5
415
µs
2400bps
SCK clock interval (WRITE mode)
tCYSC
5
830
µs
SDI data setup time
tSSDI
1
µs
SDI data hold time
tHSDI
1
µs
SDO data setup time
tSSDO
3
µs
SDO data hold time
tHSDO
0
µs
ATTN signal setup time
tSATT
0
µs
ATTN signal hold time
tHATT
1
µs
CLKO clock rise time
tRCLK
500
ns
No load
CLKO clock fall time
tFCLK
500
ns
No load
CLKO clock delay time
DCLKO
1
µs
RSTN pulsewidth
tPWRS
1ms
(Recommended operating conditions unless otherwise noted)
ATTN
SCK
SDI
12
3
32
INPUT
DATA 1
INPUT
DATA 2
INPUT
DATA 3
INPUT
DATA 32
1/ 2*VDD
tPWSC
tSSDI
tHSDI
tCYSC
tHATT
Parameter/address set timing
ATTN
SCK
Decoder Mode
SDI
12
8
Decoder
Setting1
Decoder
Setting 2
Decoder
Setting 8
1/ 2*VDD
Next Mode
Current Mode
tCYSC
tHSDI
tSSDI
tPWSC
tHATT
Auxiliary operating mode set timing
START command : 66 bit time max
Others : 2 bit time max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com