Electronic Components Datasheet Search
  English  ▼

X  

SM8212 Datasheet(PDF) 16 Page - Nippon Precision Circuits Inc

Part # SM8212
Description  POCSAG Decoder For Multiframe Pagers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8212 Datasheet(HTML) 16 Page - Nippon Precision Circuits Inc

Back Button SM8212 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 20Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
NIPPON PRECISION CIRCUITS-16
SM8212B
In the SM8212B, the Break, Back-up, Write, BS-test,
Start and End auxiliary modes are controlled control sig-
nals from the CPU. These modes are set by data written on
SDI in sync with the SCK clock (see “Data/Flags” section).
When sending data from the decoder to the microcon-
troller, the SCK clock frequency should not be less than
1200 Hz. If this occurs, the SCK counter is reinitialized.
This function, however, does make restoring operation
easy even if this or another clock is accidentally input.
Note that read mode function is described in the
“Decoder Internal Status Transfer” section.
6. Decoder Set Command Transfer (CPU to SM8212B)
(1) Break
(2) Back-up (Power save control)
(3) Write
This is the interrupt command to stop reception and data
transfer. When the Break command is detected, the
received code word ends and reception stops, then the
device waits for self frame address detection or sync code
detection timing. Reception may continue for up to 32-bit
unit time after the Break command is received (or 34-bit
time after the Break command is sent).
Even though message reception may continue for a short
time when the Break command is sent, sync code detection
does not take place and accordingly the received data may
be deemed to have many errors.
Also, when CPU BREAK input interrupt end-of-message
method only is selected, message reception continues even
if an address code or an idle code is present, as long as the
Break command is not issued.
The time required from when the Break command is
issued until received data is output can be approximately 2
to 3 code words at internal sync speed. During this inter-
val, 32 clock cycles are sent to the decoder while ATTN is
LOW, and processing should be performed just as for nor-
mal operation. If no processing is performed, subsequent
operation may become unstable.
This is the decoder OFF mode command. This com-
mand stops all internal operation except the oscillator, and
thus is used to control current consumption. CLKO out-
put is stopped. Note that in back-up mode, the input/out-
put pins do not become high impedance.
Back-up mode is released and operation restarts when the
decoder set start command is issued. All parameter and
address information is retained during back-up, so opera-
tion starts directly from preamble mode.
Note that only the decoder set start command is accepted
during back-up mode.
Note that issuing the BACK-UP command is prohibited
in the WRITE mode.
This is the parameter and address write command. This
operation mode can also be used to modify parameters and
addresses. Write mode can be activated from BS-test mode,
and also approximately 50 ms after reset, but for safety,
wait minimum 900ms when Power-ON reset.
Parameters and addresses can be changed by first issuing a
decoder set command to enter write mode and then writ-
ing new parameters and addresses.
Note that in write mode, all internal operation takes place
with the same timing as for 1200 bps speed mode. BS1,
BS2 andBS3 are keep LOW.
Each of the addresses can be turned ON/OFF, according
to flag settings in the data written. Using this feature for a
specific address in a pager allows the service provider, by
prior agreement, to prohibit improper use of the pager
delivery service (excluding delivery testing, stopping sub-
sidiary services and similar functions).
In the SM8212B, data writes from the microcontroller
have priority, even if a received information transmit ready
signal (ATTN = LOW) is present (forced write).
When reception from the decoder RF stage has priority,
operation switches to write mode after the end-of-message
is confirmed by monitoring the internal operation using
the read command. Then the parameter set commands and
address set commands are written.
After writing, write mode is released using the decoder set
start command, and operation starts from preamble mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com