Electronic Components Datasheet Search
  English  ▼

X  

SM8212 Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM8212
Description  POCSAG Decoder For Multiframe Pagers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8212 Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM8212 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
NIPPON PRECISION CIRCUITS-6
SM8212B
ATTN
SCK
SDO
SDI
12
89
READ
COMMAND 1
READ
COMMAND 2
READ
COMMAND 8
Don't
Care 1
Don't
Care 2
READ
COMMAND 9
STATUS
DATA 1
1/ 2*VDD
16
STATUS
DATA 8
READ
COMMAND 16
Don't
Care 8
tSSDO
tHSDO
tCYSC
tHSDI
tSSDI
tPWSC
Status data read timing
ATTN
SCK
SDO
SDI
12
3
32
OUTPUT
DATA 1
OUTPUT
DATA 2
OUTPUT
DATA 3
OUTPUT
DATA 32
1/ 2*VDD
tCYSC
tPWSC
tSSDO tHSDO
tSATT
tHATT
Received data transfer timing
CLKO
(38.4kHz Mode)
CLKO
(76.8kHz Mode)
0.7*VDD
0.3*VDD
1/ 2*VDD
1/ 2*VDD
0.7*VDD
0.3*VDD
tRCLK
tFCLK
tRCLK
tFCLK
CLKO clock output timing
(XT)
(76.8kHz )
0.7*VDD
0.3*VDD
1/ 2*VDD
DCLKO
αβ
DXT =
α
α+β



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com