Electronic Components Datasheet Search
  English  ▼

X  

SM8212 Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM8212
Description  POCSAG Decoder For Multiframe Pagers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8212 Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM8212 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8212 Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
NIPPON PRECISION CIRCUITS-9
SM8212B
(4) Idle signal
Bit number
Bit value
Bit number
Bit value
Bit number
Bit value
Bit number
Bit value
1091
17
1
25
1
2
1
10
0
18
1
26
0
3
1
11
0
19
0
27
0
4
1
12
0
20
0
28
1
5
1
13
1
21
0
29
0
6
0
14
0
22
0
30
1
7
1
15
0
23
0
31
1
8
0
16
1
24
1
32
1
Table 3. Idle code format
(5) Receive signal duty factor
(6) Error Correction and Detection
During preamble detection, the preamble pattern (1,0) is
recognized at duty factors from 25% (min) to 75% (max)
of the (1,0) preamble cycle.
Item
Description
Preamble Pattern Detection
Selectable 1 to 8 rate errors in 6 to 544 bits
Synchronization Code word Detection
2 random errors in 32 bits
Self Address Code word Detection
2 random errors in 32 bits
Message Code word
1-bit and 2-bit burst errors in 31 bits
Table 4. Error correction
The SM8212B performs error correction (or detection)
on each code word as described in table 4. Note that there
are 8 selectable error correction conditions for the pream-
ble pattern.
An error is deemed to have occurred when 2 or more sig-
nal edges occur within 1-bit unit time, and a rate error is
deemed to have occurred when the number of errors
exceeds the counter value. Refer to the “Preamble Mode”
section for a discussion of the error counter.
In the POCSAG format, for pager systems that send
numeric data, the message information content varies and
as a result an idle signal or another address signal is inserted
after the message to indicate the end of the message.
That is, if no address word or message word exists for a
frame within a batch or for a code word within a frame, the
idle pattern, shown in table 3, is transmitted in its place.
Then during message signal reception, the message ends
when the idle signal is detected.
The SM8212B, however, supports 2 methods of deter-
mining the end of message. Namely, message ends when
either an idle signal or another address is received (POC-
SAG format), or solely by an interrupt signal from the
CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com