Electronic Components Datasheet Search
  English  ▼

X  

SM8580 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM8580
Description  Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8580 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM8580 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
SM8580AM
NIPPON PRECISION CIRCUITS—3
PIN DESCRIPTION
Number
Name
I/O
Function1
1. Connect a 0.1µF capacitor between VDD and V S S .
1
CE0N
I
Chip enable 0 input with built-in pull-up resistor.
The SM8580AM can be accessed when CE0N is LOW and CE1 is HIGH.
2
FCON
I
FOUT output frequency select control input (when CE1 is HIGH).
32.768kHz fixed frequency output when FCON is LOW .
Output frequency deter mined by bit FD when FCON is HIGH (when FE bit is 1).
Note that a HIGH-level voltage should be applied to FCON to avoid unwanted 32.768kHz output dur ing
backup.
3
FOUT
O
Frequency set register, frequency output (CMOS output)
4
VTEMP
O
Temper ature voltage output (analog output)
5
AIRQN
O
Alarm interrupt output (N-channel open-drain output)
6
TIRQN
O
Timer interrupt output (N-channel open-drain output)
7A 0
I
Address inputs.
Connect to the microcontroller address bus.
The selected register address is input on this bus when accessing the SM8580AM (positive logic).
8A 1
I
9A 2
I
10
A 3
I
1 1
RDN
I
Read strobe input. Data can be read from SM8580AM when RDN is LOW and WRN is HIGH.
An error will occur if both RDN and WRN are simultaneously LOW .
12
V S S
–
Ground
1 3
WRN
I
W r ite strobe input. Data can be written to SM8580AM when RDN is HIGH and WRN is LOW .
An error will occur if both RDN and WRN are simultaneously LOW .
1 4
D 3
I/O
Data bus input/outputs.
Connect to the microcontroller data bus.
1 5
D 2
I/O
1 6
D 1
I/O
1 7
D 0
I/O
1 8
CE1
I
Chip enable 1 input with built-in pull-down resistor.
The SM8580AM can be accessed when CE0N is LOW and CE1 is HIGH.
FOUT is in output mode when CE1 is HIGH, regardless of the state of CE0N. FOUT is high impedance
when CE1 is LOW .
1 9
N C
–
No connection
2 0
N C
–
No connection
2 1
N C
–
No connection
2 2
X T N
O
Oscillator output, with built-in oscillator capacitance CD
2 3
X T
I
Oscillator output, with built-in oscillator capacitance CG
2 4
V D D
–
Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com