Electronic Components Datasheet Search
  English  ▼

X  

SM8580 Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM8580
Description  Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8580 Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM8580 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
SM8580AM
NIPPON PRECISION CIRCUITS—10
Backup Transfer and Return
P arameter1
1. Before switching the supply, confirm that the chip enable CE1 is LOW and that SM8580AM is deselected.
Symbol
Condition
Rating
Unit
min
m a x
min
Supply voltage falling edge CE setup time
tCD
0––
µ s
Supply voltage fall time
tF
(VDD − V CLK) ≤ 2.0V
2
–
–
µs/V
(VDD − V CLK) > 2.0V
5 0
–
–
µs/V
Supply voltage rise time
tR
1
–
–
µs/V
Supply voltage rising edge CE hold time
tCU
0––
µ s
tCD
VDD
VCLK
CE1
tF
VIL
tCU
VIL
tR
Backup mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com