Electronic Components Datasheet Search
  English  ▼

X  

SM8580 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM8580
Description  Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8580 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM8580 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SM8580AM
NIPPON PRECISION CIRCUITS—4
FOUT Output and SM8580AM Access Relationship
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0 V
Recommended Operating Conditions
VSS = 0 V
CE0N
C E 1
FCON
FE bit
FOUT output
SM8580AM accessible
HIGH
L O W
××
High impedance
N o
LO W
L O W
××
High impedance
N o
HIGH
HIGH
L O W
0
32.768kHz output
N o
L O W
1
32.768kHz output
N o
HIGH
0
High impedance
N o
HIGH
1
FD bit select frequency output
N o
L O W
HIGH
L O W
0
32.768kHz output
Yes
L O W
1
32.768kHz output
Yes
HIGH
0
High impedance
Yes
HIGH
1
FD bit select frequency output
Yes
P arameter
Symbol
Condition
Rating
Unit
Supply voltage range
V DD
−0.3 to 7.0
V
Input voltage range
V IN
All inputs, D0 to D3
V SS − 0.3 to V DD + 0.3
V
Output voltage range
V OUT1
TIRQN, AIRQN
V SS − 0.3 to 8.0
V
V OUT2
FOUT, D0 to D3, VTEMP
V SS − 0.3 to V DD + 0.3
V
Storage temperature range
T stg
−55 to 125
°C
P arameter
Symbol
Condition
Rating
Unit
Supply voltage range
V DD
2.4 to 5.5
V
Clock supply voltage range
V CLK
1.6 to 5.5
V
Operating temperature range
Topr
−40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com