Electronic Components Datasheet Search
  English  ▼

X  

SM8580 Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM8580
Description  Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8580 Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM8580 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
SM8580AM
NIPPON PRECISION CIRCUITS—9
Temperature Sensor
VSS = 0V, Ta = −40 to 85°C unless otherwise noted
P arameter
Symbol
Condition
Rating
Unit
min
m a x
min
Temper ature sensor output voltage
V OUT
Ta = 25
°C, VSS reference output voltage,
V DD = 2.7 to 5.5V, VTEMP
–
1.470
–
V
Output accuracy
TAC R
Ta = 25
°C–
–
±5
°C
Temper ature sensitivity1
1. Temper ature sensitivity V SE = (V(85°C) − V(−40°C) ) ÷ 125 [mV/°C]
V SE
–40
°C ≤ Ta ≤ 85°C, V
DD = 2.7 to 5.5V
−7.3
−7.8
−8.3
m V /
°C
Linearity2
2. Linearity
∆NL = a ÷ b × 100 [%], where
a = maximu m d eviation between the measured value and the approximated value of VTEMP, and
b = difference between the measured values at temperatures of
−40 and 85°C
∆NL
–40
°C ≤ Ta ≤ 85°C, V
DD = 2.7 to 5.5V
–
–
±2.0
%
Temper ature detection range
TOPR
∆NL ≤ ±2.0%, V
DD = 2.7 to 5.5V
−40
–
8 5
°C
Output resistance3
3. Output resistance RO = ∆V 1 ÷ ∆I1 [Ω]
R O
Ta = 25
°C, V
DD = 2.7 to 5.5V, VTEMP
–
1.0
3.0
k
Ω
Output load capacitance
C L
V DD = 2.7 to 5.5V
–
–
1 0 0
p F
Output load resistance
R L
V DD = 2.7 to 5.5V
5 0 0
–
–
k
Ω
Response time
tRSP
V DD = 3.0V, RL = 500kΩ, CL = 100pF
–
–
2 0 0
µ s
Ta
a
a
a
0 C
−40 C
85 C
V (85 C)
VTEMP(V)
b
Approximate value
Measured value
V (
−40 C)
SM8580A
V1
I1
OP AMP
VTEMP 1M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com