Electronic Components Datasheet Search
  English  ▼

X  

SM8580 Datasheet(PDF) 16 Page - Nippon Precision Circuits Inc

Part # SM8580
Description  Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8580 Datasheet(HTML) 16 Page - Nippon Precision Circuits Inc

Back Button SM8580 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 20Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
SM8580AM
NIPPON PRECISION CIRCUITS—16
Timer Registers (Bank 2, Registers 4 to 8, E)
Timer control registers (registers 8, E)
s
TE bit (timer enable)
Timer countdown stop/start control bit.
When set to 1, the timer starts counting down.
When set to 0 during countdown, the timer stops.
s
TF bit (timer flag)
The timer flag is set to 1 when the timer counter
counts down to zero, occurring a timer event. It is
held at 1 until 0 is written to this bit. A 1 cannot be
written to TF.
s
TIE bit (timer interrupt enable)
This bit enables the timer interrupt output on
TIRQN when a timer event is occurred. If the TIE
is not set to 1, then no output occurs even if the TF
bit is set to 1. The TIRQN output is high imped-
ance when TIE is set to 0.
s
TI/TP bit (level/periodic interrupt mode select bit)
Sets the timer interrupt signal output mode.
The SM8580AM supports two timer function
modes.
• TI/TP = 0 (level interrupt mode)
When a timer interrupt is occurred, TIRQN
goes LOW (if TIE = 1) and TF is set to 1.
TIRQN remains LOW and TF is held at 1 until
a 0 is written to the TF bit.
The timer operates by counting down until the
data is zero, then the TE bit is cleared and the
count stops automatically. However, if the timer
is started when the TF bit is 1, then the TE bit is
not cleared. The timer count register contents
remain zero after the count down stops.
• TI/TP = 1 (periodic interrupt mode)
When a timer interrupt is occurred, TIRQN
goes LOW (if TIE = 1) and TF is set to 1.
TIRQN subsequently goes high impedance
after a fixed interval, but TF is held at 1 until a 0
is written to the TF bit.
The timer operates by counting down until the
data is zero, then the timer register data is
reloaded automatically after a fixed interval,
and the countdown restarts. This mode can be
used as a repetitive interval timer.
Timer source clock set register (register 8)
s
The register 8 bits 0 and 1 set the timer source
clock to one of four frequencies listed in the fol-
lowing table.
Bank
A d dress
Register
Bit 3
Bit 2
Bit 1
Bit 0
2
8
Timer setting
T E
TI/TP
E
Timer control
T F
TIE
Bank
A d dress
Register
Bit 3
Bit 2
Bit 1
Bit 0
2
8
Timer setting
T D 1
T D 0
T D 1
T D 0
Timer source clock
0
0
4096Hz
0
1
64Hz
1
0
1Hz
1
1
1/60Hz (1 minute)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com