Electronic Components Datasheet Search
  English  ▼

X  

SM8580 Datasheet(PDF) 19 Page - Nippon Precision Circuits Inc

Part # SM8580
Description  Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8580 Datasheet(HTML) 19 Page - Nippon Precision Circuits Inc

Back Button SM8580 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 20Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 21Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 22Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 23Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
SM8580AM
NIPPON PRECISION CIRCUITS—19
Digital Correction Registers (Bank 2, Registers 0, 1)
s
These registers enable and set the level of digital
correction applied to oscillator clock. DT_ON
enables the correction function, and bits DT0 to
DT6 set the level of correction to be applied. This
function adjusts the number of 1 second cycles
which occur every 10 seconds.
s
When digital correction is not used, a 0 should be
written to DT_ON to disable correction.
s
Correction range and resolution (correction range
depends on the frequency)
s
DT bits and digital correction (correction value
depends on the frequency)
s
Correction value calculation
• Positive correction (leading time)
[DT6:0] = correction ÷ 3.05 (with decimal
round-off)
Example: for correction of 192.15ppm
[DT6:0] = 192.15 ÷ 3.05 = 6310 = 01111112
• Negative correction (lagging time)
[DT6:0] = 128 + correction ÷ 3.05 (with deci-
mal round-off)
Example: for correction of
−158.6ppm
[DT6:0] = 128 + (
−158.6 ÷ 3.05) = 76
10 =
10011002
Bank
A d dress
Register
Bit 3
Bit 2
Bit 1
Bit 0
2
0
Digital correction registers
DT3
DT2
DT1
DT0
1
DT_ON
D T 6
D T 5
D T 4
Correction range
Correction resolution
Correction cy cle
−195.20 to +192.15ppm
3.05ppm
10 seconds
Digital correction bits
Correction
(ppm)
DT6
DT5
DT4
DT3
DT2
DT1
DT0
0111111
+192.15
0111110
+189.10
↓↓
0000010
+6.10
0000001
+3.05
0000000
±0.00
1111111
−3.05
1111110
−6.10
↓↓
1000001
−192.15
1000000
−195.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com