Electronic Components Datasheet Search
  English  ▼

X  

SM8580 Datasheet(PDF) 18 Page - Nippon Precision Circuits Inc

Part # SM8580
Description  Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8580 Datasheet(HTML) 18 Page - Nippon Precision Circuits Inc

Back Button SM8580 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 20Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 21Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 22Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
SM8580AM
NIPPON PRECISION CIRCUITS—18
CE1 Control Register (Bank 1, Register B)
s
This register determines whether the temperature
sensor function and digital correction function in
combination with the CE1 input pin. CTEMP
determines the temperature sensor operation, and
CDT_ON determines the digital correction func-
tion operation.
s
CTEMP bit
When CTEMP is set to 0, the temperature sensor
operates only when the CE1 pin is HIGH.
When CTEMP is set to 1, the temperature sensor
operates without any relationship to the CE1 input
state.
Note that the temperature sensor operation also
depends on the bank 2 TEMP bit to be active.
s
CDT_ON bit
When CDT_ON is set to 0, the digital correction
function operates only when the CE1 pin is HIGH.
When CDT_ON is set to 1, the digital correction
function operates without any relationship to the
CE1 input state.
Note that the digital correction function also
depends on the bank 2 DT_ON bit to be active.
s
Function operation tables
Frequency Set Registers (Bank 1, Registers C, D)
s
FD3, FD4 bit
FOUT source clock frequency set bits.
s
FD0 to FD2 bits
Frequency divider set bits for the FOUT source
clock set by FD3 and FD4.
s
FE bit
FOUT frequency signal set by FD0 to FD4 output
enable bit.
When FCON is HIGH and FE is set to 1, then the
frequency signal set by FD0 to FD4 is output on
FOUT. When FE is set to 0, the FOUT output is
high impedance.
When FCON is LOW, a standard 32.768kHz sig-
nal is output on FOUT without reference to the
settings in the C and D registers.
Bank
A d dress
Register
Bit 3
Bit 2
Bit 1
Bit 0
1
B
CE1 control
CTEMP
CDT_ON
CE1 pin
CTEMP bit
TEMP bit
Temperature
sensor
××
0
Not operating
L O W
0
1
Not operating
HIGH
0
1
O p e rating
L O W
1
1
O p e rating
HIGH
1
1
O p e rating
CE1 pin
CDT_ON bit
DT_ON bit
Digital
correction
××
0
Not operating
L O W
0
1
Not operating
HIGH
0
1
O p e rating
L O W
1
1
O p e rating
HIGH
1
1
O p e rating
Bank
A d dress
Register
Bit 3
Bit 2
Bit 1
Bit 0
1
C
FOUT divider set register
F D 2
F D 1
F D 0
D
FOUT frequency set register
F E
F D 4
F D 3
F D 4
F D 3
Source clock
0
0
32768Hz
0
1
1024Hz
1
0
32Hz
1
1
1Hz
FD2
FD1
FD0
Frequenc y divider
ratio
FOUT output duty
0
0
0
1/1
1/2
0
0
1
1/2
1/2
0
1
0
1/3
1/3
0
1
1
1/6
1/2
1
0
0
1/5
1/5
1
0
1
1/10
1/2
1
1
0
1/15
1/3
1
1
1
1/30
1/2
FD2
FD1
FD0
Frequenc y divider
ratio
FOUT output duty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com