Electronic Components Datasheet Search
  English  ▼

X  

SM8580 Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM8580
Description  Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8580 Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM8580 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SM8580AM
NIPPON PRECISION CIRCUITS—6
Terminal Capacitance Characteristics
Ta = 25
°C, f = 1MHz
Oscillator Characteristics
Ta = 25°C, Seiko Epson C-002SH crystal (CI = 30kΩ, CL = 10pF) unless otherwise noted
AC Characteristics (1)
VSS = 0V, Ta = −40 to 85°C unless otherwise noted
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Address input capacitance
C ADD
A0 to A3
–
–
8
p F
Data output capacitance
C DATA
D0 to D3
–
–
1 5
p F
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Oscillator start time
tSTA
V DD = 1.6 V
–
–
3.0
s
Oscillator stop voltage
V STO
–
–
1.5
V
Frequency voltage characteristic
f/V
V DD = 1.6 to 5.5V
−2
–
+2
ppm/V
Frequency accuracy
ε
IC
V DD = 3.0V
−20
–
+20
p p m
Input capacitance
C G
V DD = 3.0V
–
1 5
–
p F
Output capacitance
C D
V DD = 3.0V
–
1 0
–
p F
P arameter
Symbol
Condition
Rating
Unit
min
m a x
min
FOUT duty
Duty
V DD = 5V ± 10%
4 0
–
6 0
%
V DD = 3V ± 10%
4 0
–
6 0
%
Oscillator failure detection time
tOSC
V DD = 5V ± 10%
1 0
–
–
m s
V DD = 3V ± 10%
1 0
–
–
m s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com