Electronic Components Datasheet Search
  English  ▼

X  

SM8580 Datasheet(PDF) 20 Page - Nippon Precision Circuits Inc

Part # SM8580
Description  Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8580 Datasheet(HTML) 20 Page - Nippon Precision Circuits Inc

Back Button SM8580 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 20Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 21Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 22Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 23Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
SM8580AM
NIPPON PRECISION CIRCUITS—20
INTERRUPT OPERATION
Alarm Interrupt
When AIE is 1 and an alarm event occurs (AF bit is set to 1), AIRQN output goes LOW. If AIE is 0, however,
AIRQN is in a high-impedance state. The alarm interrupt is output when a carry from the seconds register to
the minute register occurs.
Timer Interrupt
The timer interrupt mode (level interrupt or periodic interrupt) is selected by the setting of TI/TP.
Level interrupt mode (TI/TP = 0)
When TIE is 1 and a timer interrupt event occurs (TF bit is set to 1), TIRQN goes LOW. When TIE is 0, how-
ever, TIRQN is in a high-impedance state.
"1"
AIE bit
AIRQN pin
AF bit
"0"
Hi-Z
*No output while AIE bit is "0".
"1"
"0"
Interrupt is active.
"L" level
Setting AF bit to "0".
"1"
"1"
"0"
TIE bit
TIRQN pin
TF bit
"0"
"1"
Setting TF bit to "0".
Interrupt is active.
Hi-Z
"L" level
"0"
"1"
*No output while TIE bit is "0".
"1"
"1"
"0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com