Electronic Components Datasheet Search
  English  ▼

X  

SM8580 Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM8580
Description  Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8580 Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM8580 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 15Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
SM8580AM
NIPPON PRECISION CIRCUITS—11
FUNCTIONAL DESCRIPTION
Register Tables
Bank 0 (clock, calendar registers)
Bank 1 (alarm, FOUT registers)
Bank 2 (digital correction, timer registers)
s
All bits in register F and bits 2 to 3 in register E
are common to all register banks.
s
When alarm interrupts are not used, registers 0 to
8 in bank 1 can be used as RAM (total 36 bits).
s
When timer interrupts are not used, registers 4 to 5
in bank 2 can be used as RAM (total 8 bits).
s
When digital correction is not used, registers 0 to
1 in bank 2 can be used as RAM, excluding bit 3
(DT_ON) in register 1 (total 7 bits).
s
The BUSY/ADJ bit function is BUSY when read-
ing, and ADJ when writing.
s
The BUSY flag is set to 1 an interval of 244µs
before clock counter update timing.
s
Registers 6 and 7 in bank 2 are read-only registers,
and cannot be written to.
s
When power is applied, all register bits are unde-
fined, with the exception of bits FOS, TEST and
TEMP. Accordingly, these bits need to be initial-
ized. TEST and TEMP are automatically reset to 0
and FOS is automatically reset to 1 when power is
applied.
s
Bits marked # are all read-only bits fixed to 0.
These bits cannot be written to.
s
Bits marked * can be used as RAM bits.
A d dress
Register
Bit 3
Bit 2
Bit 1
Bit 0
0
Second registers
8421
1
F O S
40
20
10
2
M i nute registers
8421
3
#
40
20
10
4
Hour registers
8421
5#
#
2 0
1 0
6
D a y of week
register
#421
7
Date registers
8421
8#
#
2 0
1 0
9
Month registers
8421
A
###
1 0
B
Year registers
8421
C
8 04 02 01 0
D
800
400
200
100
E
TEST
TEMP
2000
1000
F
Control register
Bank
SEL1
Bank
SEL0
ST O P
B USY/
ADJ
A d dress
Register
Bit 3
Bit 2
Bit 1
Bit 0
0
Second registers
8421
1
A E
4 02 01 0
2
M i nute registers
8421
3
A E
4 02 01 0
4
Hour registers
8421
5
A E
*
20
10
6
D a y of week
register
A E
421
7
Date registers
8421
8
A E
*
20
10
9
–
****
A
–
****
B
CE1 control
CTEMP CDT_ON
*
*
C
FOUT divider set
register
#
FD2
FD1
FD0
D
FOUT frequency
set register
FE
#
FD4
FD3
E
Alarm control
TEST
TEMP
A F
A I E
F
Control register
Bank
SEL1
Bank
SEL0
ST O P
B USY/
ADJ
A d dress
Register
Bit 3
Bit 2
Bit 1
Bit 0
0
Digital correction
registers
DT3
DT2
DT1
DT0
1
DT_ON
D T 6
D T 5
D T 4
2
–
####
3
–
####
4
Timer counter set
registers
8421
5
128
64
32
16
6
Timer counter
output registers
8421
7
128
64
32
16
8
Timer setting
T E
TI/TP
T D 1
T D 0
9
–
####
A
–
####
B
–
****
C
–
****
D
–
****
E
Timer control
TEST
TEMP
T F
TIE
F
Control register
Bank
SEL1
Bank
SEL0
ST O P
B USY/
ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com