Electronic Components Datasheet Search
  English  ▼

X  

SM8580 Datasheet(PDF) 17 Page - Nippon Precision Circuits Inc

Part # SM8580
Description  Real-time Clock IC with 4-bit Interface and Built-in Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8580 Datasheet(HTML) 17 Page - Nippon Precision Circuits Inc

Back Button SM8580 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 20Page - Nippon Precision Circuits Inc SM8580 Datasheet HTML 21Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
SM8580AM
NIPPON PRECISION CIRCUITS—17
Timer counter set registers (registers 4 to 7)
s
Registers 4 and 5 set an 8-bit presettable binary
down-counter value for the timer interrupt func-
tion.
s
The value of the count can be determined by read-
ing the values of registers 6 and 7 during the
count.
s
The presettable binary down-counter is updated
when the data is written to registers 4 and 5.
s
The data written to registers 4 and 5 are stored and
are not changed until replacement data is written.
This allows these bits to function as RAM bits if the
timer interrupt mode is not used (when TIE = 0).
s
When TE is set to 1, periodic interrupts are not
output on TIRQN, even if registers 4 and 5 are set
to zero.
s
The timer error once a timer operation is started is
a maximum of one cycle of the source clock.
Timer operations started and stopped in less than
one cycle of the source clock are not counted.
Timer interrupt function example
Example of an hourly periodic timer interrupt
The timer start timing is set up in write mode when
the WRN rising edge corresponding to the TE bit
occurs, as shown in the following timing diagram.
Bank
A d dress
Register
Bit 3
Bit 2
Bit 1
Bit 0
2
4
Timer counter set registers
8421
5
128
64
32
16
6
Timer counter output registers
8421
7
128
64
32
16
Bank
A d dress
Register
Bit 3
Bit 2
Bit 1
Bit 0
2
4
Timer counter set registers
1100
5
0011
8
Timer set register
T E
1
1
1
E
Timer control
TEST
TEMP
T F
1
TIRQN pin
Address 8
TE
Count down start
Timer
D3 pin
WRN pin
Finish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com