Electronic Components Datasheet Search
  English  ▼

X  

INA220 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High- or Low-Side, Bidirectional Current and Power Monitor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA220 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA220 Datasheet HTML 18Page - Texas Instruments INA220 Datasheet HTML 19Page - Texas Instruments INA220 Datasheet HTML 20Page - Texas Instruments INA220 Datasheet HTML 21Page - Texas Instruments INA220 Datasheet HTML 22Page - Texas Instruments INA220 Datasheet HTML 23Page - Texas Instruments INA220 Datasheet HTML 24Page - Texas Instruments INA220 Datasheet HTML 25Page - Texas Instruments INA220 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
22
INA220
SBOS459E – JUNE 2009 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: INA220
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
8.6.3.2 Bus Voltage Register (address = 02h)
The Bus Voltage register stores the most recent bus voltage reading, VBUS.
At full-scale range = 32 V (decimal = 8000, hex = 1F40), and LSB = 4 mV.
Figure 24. Bus Voltage Register (BRNG = 1)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
BD12
BD11
BD10
BD9
BD8
BD7
BD6
BD5
BD4
BD3
BD2
BD1
BD0
—
CNVR
OVF
At full-scale range = 16 V (decimal = 4000, hex = 0FA0), and LSB = 4 mV.
Figure 25. Bus Voltage Register (BRNG = 0)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
BD11
BD10
BD9
BD8
BD7
BD6
BD5
BD4
BD3
BD2
BD1
BD0
—
CNVR
OVF
CNVR:
Conversion Ready
Bit 1
Although the data from the last conversion can be read at any time, the INA220 Conversion Ready bit (CNVR)
indicates when data from a conversion is available in the data output registers. The CNVR bit is set after all
conversions, averaging, and multiplications are complete. CNVR will clear under the following conditions:
1.) Writing a new mode into the Operating Mode bits in the Configuration Register (except for Power-Down or
Disable)
2.) Reading the Power Register
OVF:
Math Overflow Flag
Bit 0
The Math Overflow Flag (OVF) is set when the Power or Current calculations are out of range. It indicates that
current and power data may be meaningless.
8.6.3.3 Power Register (address = 03h) [reset = 00h]
Full-scale range and LSB are set by the Calibration register. See Programming the INA220 Calibration Register.
Figure 26. Power Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PD15
PD14
PD13
PD12
PD11
PD10
PD9
PD8
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
The Power register records power in watts by multiplying the values of the current with the value of the bus
voltage according to the Equation 5:
8.6.3.4 Current Register (address = 04h) [reset =00h]
Full-scale range and LSB depend on the value entered in the Calibration register. See Programming the INA220
Calibration Register. Negative values are stored in 2's complement format.
Figure 27. Current Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CSIGN
CD14
CD13
CD12
CD11
CD10
CD9
CD8
CD7
CD6
CD5
CD4
CD3
CD2
CD1
CD0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com