Electronic Components Datasheet Search
  English  ▼

X  

INA220 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High- or Low-Side, Bidirectional Current and Power Monitor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA220 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA220 Datasheet HTML 10Page - Texas Instruments INA220 Datasheet HTML 11Page - Texas Instruments INA220 Datasheet HTML 12Page - Texas Instruments INA220 Datasheet HTML 13Page - Texas Instruments INA220 Datasheet HTML 14Page - Texas Instruments INA220 Datasheet HTML 15Page - Texas Instruments INA220 Datasheet HTML 16Page - Texas Instruments INA220 Datasheet HTML 17Page - Texas Instruments INA220 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
14
INA220
SBOS459E – JUNE 2009 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: INA220
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Writing to a register begins with the first byte transmitted by the master. This byte is the slave address, with the
R/W bit LOW. The INA220 then acknowledges receipt of a valid address. The next byte transmitted by the
master is the address of the register to which data will be written. This register address value updates the
register pointer to the desired register. The next two bytes are written to the register addressed by the register
pointer. The INA220 acknowledges receipt of each data byte. The master may terminate data transfer by
generating a START or STOP condition.
When reading from the INA220, the last value stored in the register pointer by a write operation determines
which register is read during a read operation. To change the register pointer for a read operation, a new value
must be written to the register pointer. This write is accomplished by issuing a slave address byte with the R/W
bit LOW, followed by the register pointer byte. No additional data are required. The master then generates a
START condition and sends the slave address byte with the R/W bit HIGH to initiate the read command. The
next byte is transmitted by the slave and is the most significant byte of the register indicated by the register
pointer. This byte is followed by an Acknowledge from the master; then the slave transmits the least significant
byte. The master acknowledges receipt of the data byte. The master may terminate data transfer by generating a
Not Acknowledge after receiving any data byte, or generating a START or STOP condition. If repeated reads
from the same register are desired, it is not necessary to continually send the register pointer bytes; the INA220
retains the register pointer value until it is changed by the next write operation.
Figure 15 and Figure 16 show write and read operation timing diagrams, respectively. Note that register bytes
are sent most-significant byte first, followed by the least significant byte. Figure 17 shows the timing diagram for
the SMBus Alert response operation. Figure 18 shows a typical register pointer configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com