Electronic Components Datasheet Search
  English  ▼

X  

INA220 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High- or Low-Side, Bidirectional Current and Power Monitor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA220 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA220 Datasheet HTML 3Page - Texas Instruments INA220 Datasheet HTML 4Page - Texas Instruments INA220 Datasheet HTML 5Page - Texas Instruments INA220 Datasheet HTML 6Page - Texas Instruments INA220 Datasheet HTML 7Page - Texas Instruments INA220 Datasheet HTML 8Page - Texas Instruments INA220 Datasheet HTML 9Page - Texas Instruments INA220 Datasheet HTML 10Page - Texas Instruments INA220 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
20
15
10
5
0
-
5
-
10
-
15
-
20
-
0.4
-
0.3
-
0.2
-
0.1
0
0.1
0.2
0.3
InputVoltage(V)
0.4
32V
16V
-50
-25
0
25
50
75
100
Temperature( C)
°
125
100
80
60
40
20
0
20
40
60
80
100
-
-
-
-
-
-25
-50
0
25
50
75
100
125
320mVRange
160mVRange
40mVRange
80mVRange
Temperature( C)
°
100
80
60
40
20
0
20
40
60
80
100
-
-
-
-
-
32VRange
16VRange
-50
-25
0
25
50
75
100
Temperature( C)
°
125
50
45
40
35
30
25
20
15
10
5
0
-
50
-
25
0
25
50
75
100
Temperature( C)
°
125
100
80
60
40
20
0
20
40
60
80
100
-
-
-
-
-
160mVRange
320mVRange
80mVRange
40mVRange
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
10
100
1k
10k
100k
1M
InputFrequency(Hz)
7
INA220
www.ti.com
SBOS459E – JUNE 2009 – REVISED JANUARY 2016
Product Folder Links: INA220
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
7.7 Typical Characteristics
at TA = 25°C, VS = 3.3 V, VIN+ = 12 V, VSHUNT = (VIN+ – VIN–) = 32 mV, PGA = /1, and BRNG = 1, unless otherwise noted.
Figure 2. Frequency Response
Figure 3. ADC Shunt Offset vs Temperature
Figure 4. ADC Shunt Gain Error vs Temperature
Figure 5. ADC Bus Voltage Offset vs Temperature
Figure 6. ADC Bus Gain Error vs Temperature
Figure 7. Integral Nonlinearity vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com