Electronic Components Datasheet Search
  English  ▼

X  

INA220 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High- or Low-Side, Bidirectional Current and Power Monitor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA220 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA220 Datasheet HTML 24Page - Texas Instruments INA220 Datasheet HTML 25Page - Texas Instruments INA220 Datasheet HTML 26Page - Texas Instruments INA220 Datasheet HTML 27Page - Texas Instruments INA220 Datasheet HTML 28Page - Texas Instruments INA220 Datasheet HTML 29Page - Texas Instruments INA220 Datasheet HTML 30Page - Texas Instruments INA220 Datasheet HTML 31Page - Texas Instruments INA220 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Supply bypass
capacitor
A0
A1
SDA
NC
IN+
IN±
GND
VBUS
SCL
VS
(1)
I
2
C/SMBUS
interface
Via to Ground Plane
Via to Power Plane
Sense/Shunt
Resistor
28
INA220
SBOS459E – JUNE 2009 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: INA220
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
10 Power Supply Recommendations
The input circuitry of the device can accurately measure signals on common-mode voltages beyond its power
supply voltage, VS. For example, the voltage applied to the VS power supply terminal can be 5 V, whereas the
load power-supply voltage being monitored (the common-mode voltage) can be as high as 26 V. Note also that
the device can withstand the full 0-V to 26-V range at the input terminals, regardless of whether the device has
power applied or not. Place the required power-supply bypass capacitors as close as possible to the supply and
ground terminals of the device to ensure stability. A typical value for this supply bypass capacitor is 0.1
μF.
Applications with noisy or high-impedance power supplies may require additional decoupling capacitors to reject
power-supply noise.
11 Layout
11.1 Layout Guidelines
Connect the input pins (IN+ and IN–) to the sensing resistor using a Kelvin connection or a 4-wire connection.
These connection techniques ensure that only the current-sensing resistor impedance is detected between the
input pins. Poor routing of the current-sensing resistor commonly results in additional resistance present between
the input pins. Given the very low ohmic value of the current-sensing resistor, any additional high-current carrying
impedance causes significant measurement errors. Place the power-supply bypass capacitor as close as
possible to the supply and ground pins.
11.2 Layout Example
(1) Connect the VBUS pin to the power supply rail
Figure 34. Layout Recommendation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com