Electronic Components Datasheet Search
  English  ▼

X  

INA220 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High- or Low-Side, Bidirectional Current and Power Monitor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA220 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA220 Datasheet HTML 9Page - Texas Instruments INA220 Datasheet HTML 10Page - Texas Instruments INA220 Datasheet HTML 11Page - Texas Instruments INA220 Datasheet HTML 12Page - Texas Instruments INA220 Datasheet HTML 13Page - Texas Instruments INA220 Datasheet HTML 14Page - Texas Instruments INA220 Datasheet HTML 15Page - Texas Instruments INA220 Datasheet HTML 16Page - Texas Instruments INA220 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
INA220
www.ti.com
SBOS459E – JUNE 2009 – REVISED JANUARY 2016
Product Folder Links: INA220
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Programming (continued)
To address a specific device, the master initiates a START condition by pulling the data signal line (SDA) from a
high to a low logic level while SCL is high. All slaves on the bus shift in the slave address byte on the rising edge
of SCL, with the last bit indicating whether a read or write operation is intended. During the ninth clock pulse, the
slave being addressed responds to the master by generating an Acknowledge and pulling SDA low.
Data transfer is then initiated and eight bits of data are sent, followed by an Acknowledge bit. During data
transfer, SDA must remain stable while SCL is high. Any change in SDA while SCL is high is interpreted as a
START or STOP condition.
After all data have been transferred, the master generates a STOP condition, indicated by pulling SDA from low
to high while SCL is high. The INA220 includes a 28-ms timeout on its interface to prevent locking up an SMBus.
8.5.4.1 Serial Bus Address
To communicate with the INA220, the master must first address slave devices through a slave address byte. The
slave address byte consists of seven address bits, and a direction bit indicating the intent of executing a read or
write operation.
The INA220 has two address pins, A0 and A1. Table 1 describes the pin logic levels for each of the 16 possible
addresses. The state of pins A0 and A1 is sampled on every bus communication and should be set before any
activity on the interface occurs. The address pins are read at the start of each communication event.
Table 1. INA220 Address Pins and Slave Addresses
A1
A0
SLAVE ADDRESS
GND
GND
1000000
GND
VS
1000001
GND
SDA
1000010
GND
SCL
1000011
VS
GND
1000100
VS
VS
1000101
VS
SDA
1000110
VS
SCL
1000111
SDA
GND
1001000
SDA
VS
1001001
SDA
SDA
1001010
SDA
SCL
1001011
SCL
GND
1001100
SCL
VS
1001101
SCL
SDA
1001110
SCL
SCL
1001111
8.5.4.2 Serial Interface
The INA220 operates only as a slave device on the I2C bus and SMBus. Connections to the bus are made by the
open-drain I/O lines SDA and SCL. The SDA and SCL pins feature integrated spike suppression filters and
Schmitt triggers to minimize the effects of input spikes and bus noise. The INA220 supports the transmission
protocol for fast (1-kHz to 400-kHz) and high-speed (1-kHz to 2.56-MHz) modes. All data bytes are transmitted
most significant byte first.
8.5.5 Writing to and Reading from the INA220
Accessing a particular register on the INA220 is accomplished by writing the appropriate value to the register
pointer. Refer to Table 2 for a complete list of registers and corresponding addresses. The value for the register
pointer, as shown in Figure 18, is the first byte transferred after the slave address byte with the R/W bit LOW.
Every write operation to the INA220 requires a value for the register pointer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com