Electronic Components Datasheet Search
  English  ▼

X  

INA220 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High- or Low-Side, Bidirectional Current and Power Monitor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA220 Datasheet(HTML) 4 Page - Texas Instruments

  INA220 Datasheet HTML 1Page - Texas Instruments INA220 Datasheet HTML 2Page - Texas Instruments INA220 Datasheet HTML 3Page - Texas Instruments INA220 Datasheet HTML 4Page - Texas Instruments INA220 Datasheet HTML 5Page - Texas Instruments INA220 Datasheet HTML 6Page - Texas Instruments INA220 Datasheet HTML 7Page - Texas Instruments INA220 Datasheet HTML 8Page - Texas Instruments INA220 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
INA220
SBOS459E – JUNE 2009 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: INA220
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
IN+ and IN– may have a differential voltage of –26 to 26 V; however, the voltage at these pins must not exceed the range of –0.3 to 26
V.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted).
(1)
MIN
MAX
UNIT
VS
Supply voltage
6
V
Analog inputs
IN+, IN–
Differential (VIN+) – (VIN–)
(2)
–26
26
V
Common-mode (VIN+ + VIN-) / 2
–0.3
26
V
VVBUS
Voltage at VBUS pin
–0.3
26
V
VSDA
Voltage at SDA pin
GND – 0.3
6
V
VSCL
Voltage at SCL pin
GND – 0.3
VS + 0.3
V
Input current into any pin
5
mA
Open-drain digital output current
10
mA
Operating temperature
–40
125
°C
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±4000
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±1000
Machine model (MM)
±150
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCM
(VIN+ + VIN-) / 2
12
V
VS
Supply voltage
3.3
V
TA
Ambient temperature
–25
85
ºC
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
INA220
UNIT
DGS (VSSOP)
10 PINS
RθJA
Junction-to-ambient thermal resistance
165.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
53.2
°C/W
RθJB
Junction-to-board thermal resistance
86.6
°C/W
ψJT
Junction-to-top characterization parameter
6.4
°C/W
ψJB
Junction-to-board characterization parameter
85.0
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com