Electronic Components Datasheet Search
  English  ▼

X  

INA220 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High- or Low-Side, Bidirectional Current and Power Monitor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA220 Datasheet(HTML) 1 Page - Texas Instruments

  INA220 Datasheet HTML 1Page - Texas Instruments INA220 Datasheet HTML 2Page - Texas Instruments INA220 Datasheet HTML 3Page - Texas Instruments INA220 Datasheet HTML 4Page - Texas Instruments INA220 Datasheet HTML 5Page - Texas Instruments INA220 Datasheet HTML 6Page - Texas Instruments INA220 Datasheet HTML 7Page - Texas Instruments INA220 Datasheet HTML 8Page - Texas Instruments INA220 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
×
Power Register
Current Register
I C-/SMBUS-
2
Compatible
Interface
Voltage Register
V (Supply Voltage)
S
ADC
INA220
GND
V
I
V
IN+
V
IN-
A0
A1
SDA
DATA
SCL
CLK
C
BYPASS
0.1µF
+3.3V to
+5V
Bus Voltage Input
High-
Side
Shunt
Low-
Side
Shunt
R1
F
R2
F
C
F
Load
Supply (0 to 26V)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA220
SBOS459E – JUNE 2009 – REVISED JANUARY 2016
INA220 High- or Low-Side, Bidirectional Current and Power Monitor
With Two-Wire Interface
1
1 Features
1
•
High- or Low-Side Sensing
•
Senses Bus Voltages from 0 V to 26 V
•
Reports Current, Voltage, and Power
•
16 Programmable Addresses
•
High Accuracy: 0.5% (Maximum) Over
Temperature (INA220B)
•
User-Programmable Calibration
•
Fast (2.56-MHz) I2C- or SMBUS-Compatible
Interface
•
VSSOP-10 Package
2 Applications
•
Servers
•
Telecom Equipment
•
Notebook Computers
•
Power Management
•
Battery Chargers
•
Automotive
•
Power Supplies
•
Test Equipment
3 Description
The INA220 is a current shunt and power monitor
with an I2C- or SMBUS-compatible interface. The
INA220 monitors both shunt drop and supply voltage.
A programmable calibration value, combined with an
internal
multiplier,
enables
direct
readouts
in
amperes. An additional multiplying register calculates
power in watts. The I2C- or SMBUS-compatible
interface features 16 programmable addresses. The
separate shunt input on the INA220 allows it to be
used in systems with low-side sensing.
The INA220 is available in two grades: A and B. The
B grade version has higher accuracy and higher
precision specifications.
The INA220 senses across shunts on buses that can
vary from 0 to 26 V, useful for low-side sensing or
CPU power supplies. The device uses a single 3- to
5.5-V supply, drawing a maximum of 1 mA of supply
current. The INA220 operates from –40°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA220
VSSOP (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
General Load, Low- or High-Side Sensing


Similar Part No. - INA220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA220 TI-INA220 Datasheet
1Mb / 35P
High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
INA220 TI-INA220 Datasheet
961Kb / 33P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA220 TI1-INA220 Datasheet
1Mb / 39P
High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
INA220 TI1-INA220 Datasheet
924Kb / 37P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA220-Q1 TI1-INA220-Q1 Datasheet
1Mb / 38P
Automotive Grade, 26-V, Bi-Directional, Zero-Drift, Low- or High-Side, I2C-Compatible Current/Power Monitor
More results

Similar Description - INA220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA220B-Q1 TI1-INA220B-Q1 Datasheet
1Mb / 39P
High- or Low-Side, Bidirectional Current Power Monitor with 2-Wire Interface
INA231 TI-INA231 Datasheet
448Kb / 32P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA220B-Q1 TI-INA220B-Q1_15 Datasheet
1Mb / 40P
High- or Low-Side, Bidirectional Current Power Monitor with 2-Wire Interface
INA230 TI-INA230_15 Datasheet
734Kb / 36P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C??Interface
INA231 TI-INA231_15 Datasheet
955Kb / 36P
High- or Low-Side Measurement,Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA230 TI1-INA230_17 Datasheet
924Kb / 37P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA233 TI1-INA233 Datasheet
681Kb / 48P
High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
INA231_017 TI1-INA231_017 Datasheet
1Mb / 44P
High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
INA231 TI1-INA231_18 Datasheet
1Mb / 44P
High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com