Electronic Components Datasheet Search
  English  ▼

X  

INA220 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA220
Description  High- or Low-Side, Bidirectional Current and Power Monitor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA220 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA220 Datasheet HTML 7Page - Texas Instruments INA220 Datasheet HTML 8Page - Texas Instruments INA220 Datasheet HTML 9Page - Texas Instruments INA220 Datasheet HTML 10Page - Texas Instruments INA220 Datasheet HTML 11Page - Texas Instruments INA220 Datasheet HTML 12Page - Texas Instruments INA220 Datasheet HTML 13Page - Texas Instruments INA220 Datasheet HTML 14Page - Texas Instruments INA220 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Power_LSB = 20 Current_LSB
15
Maximum Expected Current
Current _ LSB
2
=
Cal = trunc
0.04096
Current_LSB
R
´
SHUNT
Supply
Load
R
10
FILTER
R
10
FILTER
0.1µF to 1µF
Ceramic Capacitor
R
SHUNT
Data (SDA)
3.3V Supply
Clock (SCL)
×
Power Register
Current Register
I C-/SMBUS
2
Compatible
Interface
Voltage Register
V
IN+
ADC
INA220
GND
A0
A1
Supply Voltage
V
IN-
V
S
V
BUS
11
INA220
www.ti.com
SBOS459E – JUNE 2009 – REVISED JANUARY 2016
Product Folder Links: INA220
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
In applications that do not have large energy storage electrolytics on one or both sides of the shunt, an input
overstress condition may result from an excessive dV/dt of the voltage applied to the input. A hard physical short
is the most likely cause of this event, particularly in applications with no large electrolytics present. This problem
occurs because an excessive dV/dt can activate the ESD protection in the INA220 in systems where large
currents are available. Testing has demonstrated that the addition of 10-
Ω resistors in series with each input of
the INA220 sufficiently protects the inputs against dV/dt failure up to the 26-V rating of the INA220. These
resistors have no significant effect on accuracy.
Figure 14. INA220 With Input Filtering
8.5 Programming
8.5.1 Programming the INA220 Calibration Register
Register Details shows the default power-up states of the registers. These registers are volatile, and if
programmed to anything other than default values, they must be reprogrammed at every device power-up. The
Calibration Register is calculated based on Equation 1. This equation includes the term Current_LSB, which is
the programmed value for the LSB for the Current Register (04h). The Current_LSB value is used to convert the
value in the Current Register (04h) to the actual current in amperes. The highest resolution for the Current
Register (04h) can be obtained by using the smallest allowable Current_LSB based on the maximum expected
current as shown in Equation 2. While this value yields the highest resolution, it is common to select a value for
the Current_LSB to the nearest round number above this value to simplify the conversion of the Current Register
(04h) and Power Register (03h) to amperes and watts respectively. The RSHUNT term is the value of the external
shunt used to develop the differential voltage across the input pins. The Power Register (03h) is internally set to
be 20 times the programmed Current_LSB (see Equation 3).
where
•
0.04096 is an internal fixed value used to ensure scaling is maintained properly
•
Current_LSB is the programmed value for the LSB for the Current Register (04h)
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com